データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5930 データシート(PDF) 11 Page - Analog Devices

部品番号 AD5930
部品情報  Programmable Frequency Sweep and Output Burst Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5930 データシート(HTML) 11 Page - Analog Devices

Back Button AD5930_15 Datasheet HTML 7Page - Analog Devices AD5930_15 Datasheet HTML 8Page - Analog Devices AD5930_15 Datasheet HTML 9Page - Analog Devices AD5930_15 Datasheet HTML 10Page - Analog Devices AD5930_15 Datasheet HTML 11Page - Analog Devices AD5930_15 Datasheet HTML 12Page - Analog Devices AD5930_15 Datasheet HTML 13Page - Analog Devices AD5930_15 Datasheet HTML 14Page - Analog Devices AD5930_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5930
Rev. | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
MCLK FREQUENCY (MHz)
9
8
7
6
4
3
5
2
1
0
0
50
45
40
35
30
25
20
15
10
5
TA = 25°C
AVDD = 5V
MSBOUT, SYNCOUT ENABLED
DVDD = 5V
DVDD = 5V, FOUT = MCLK/7
DVDD = 3V, FOUT = MCLK/7
DVDD = 3V
Figure 9. Current Consumption (IDD) vs. MCLK Frequency
FOUT (Hz)
7
6
4
3
5
2
1
0
25MHz
20MHz
15MHz
10MHz
5MHz
2MHz
1MHz
500kHz
100kHz
10kHz
1kHz
500kHz
TA = 25°C
MCLK = 50MHz
MSBOUT ON,
SYNCOUT ON
MSBOUT OFF,
SYNCOUT OFF
MSBOUT ON,
SYNCOUT OFF
MSBOUT OFF,
SYNCOUT ON
Figure 10. IDD vs. FOUT for Various Digital Output Conditions
LEGEND
1. SINEWAVE OUTPUT, INTERNALLY CONTROLLED SWEEP
2. TRIANGULAR OUTPUT, INTERNALLY CONTROLLED SWEEP
3. SINEWAVE OUTPUT, EXTERNALLY CONTROLLED SWEEP
4. TRIANGULAR OUTPUT, EXTERNALLY CONTROLLED SWEEP
CONTROL OPTION (See Legend)
3.5
3.0
2.0
1.5
2.5
1.0
0.5
0
3
4
2
1
AIDD
DIDD
Figure 11. IDD vs. Output Waveform Type and Control
MCLK FREQUENCY (MHz)
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
50
45
40
35
30
25
20
15
10
5
AVDD = DVDD = 3V/5V
MCLK = 50MHz
CREG = 0111 1111 1111
TA = 25°C
FOUT = MCLK/7
FOUT = MCLK/50
FOUT = MCLK/3
Figure 12. Wideband SFDR vs. MCLK Frequency
MCLK FREQUENCY (MHz)
–60
–65
–70
–75
–80
–85
–90
0
50
45
40
35
30
25
20
15
10
5
AVDD = DVDD = 3V/5V
MCLK = 50MHz
CREG = 0111 1111 1111
TA = 25°C
FOUT = MCLK/7
FOUT = MCLK/50
FOUT = MCLK/3
Figure 13. Narrowband SFDR vs. MCLK Frequency
FOUT (MHz)
–30
–40
–50
–60
–70
–80
–90
0.001
100
10
1
0.1
0.01
AVDD = DVDD = 3V/5V
CREG = 0111 1111 1111
TA = 25°C
MCLK = 1MHz
MCLK = 10MHz
MCLK = 30MHz
MCLK = 50MHz
Figure 14. Wideband SFDR vs. FOUT for Various MCLK Frequencies
B


同様の部品番号 - AD5930_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
More results

同様の説明 - AD5930_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
AD5930 AD-AD5930 Datasheet
699Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
   Programmable Waveform Generator
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
203Kb / 16P
   High-Frequency Waveform Generator
19-0266; Rev 2a; 9/96
logo
National Instruments Co...
NI665X NI-NI665X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
NI655X NI-NI655X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com