データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5934 データシート(PDF) 6 Page - Analog Devices

部品番号 AD5934
部品情報  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5934 データシート(HTML) 6 Page - Analog Devices

Back Button AD5934_15 Datasheet HTML 2Page - Analog Devices AD5934_15 Datasheet HTML 3Page - Analog Devices AD5934_15 Datasheet HTML 4Page - Analog Devices AD5934_15 Datasheet HTML 5Page - Analog Devices AD5934_15 Datasheet HTML 6Page - Analog Devices AD5934_15 Datasheet HTML 7Page - Analog Devices AD5934_15 Datasheet HTML 8Page - Analog Devices AD5934_15 Datasheet HTML 9Page - Analog Devices AD5934_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5934
Data Sheet
Rev. C | Page 6 of 32
I2C SERIAL INTERFACE TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted (see Figure 2).
Table 2.
Parameter1
Limit at T
MIN, TMAX
Unit
Description
f
SCL
400
kHz max
SCL clock frequency
t
1
2.5
µs min
SCL cycle time
t
2
0.6
µs min
t
HIGH, SCL high time
t
3
1.3
µs min
t
LOW, SCL low time
t
4
0.6
µs min
t
HD, STA, start/repeated start condition hold time
t
5
100
ns min
t
SU, DAT, data setup time
t
6
2
0.9
µs max
t
HD, DAT, data hold time
0
µs min
t
HD, DAT, data hold time
t
7
0.6
µs min
t
SU, STA, setup time for repeated start
t
8
0.6
µs min
t
SU, STO, stop condition setup time
t
9
1.3
µs min
t
BUF, bus free time between a stop and a start condition
t
10
300
ns max
t
R, rise time of SDA when transmitting
0
ns min
t
R, rise time of SCL and SDA when receiving (CMOS compatible)
t
11
300
ns max
t
F, fall time of SCL and SDA when transmitting
0
ns min
t
F, fall time of SDA when receiving (CMOS compatible)
250
ns max
t
F, fall time of SDA when receiving
20 + 0.1 C
b
3
ns min
t
F, fall time of SCL and SDA when transmitting
C
b
400
pF max
Capacitive load for each bus line
1 Guaranteed by design and characterization, not production tested.
2 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to V
IH MIN of the SCL signal) to bridge the undefined falling edge of SCL.
3 C
b is the total capacitance of one bus line in pF. Note that tR and tF are measured between 0.3 VDD and 0.7 VDD.
SCL
SDA
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
t9
t3
t10
t11
t4
t4
t6
t2
t5
t7
t8
t1
Figure 2. I2C Interface Timing Diagram


同様の部品番号 - AD5934_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results

同様の説明 - AD5934_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5934 AD-AD5934 Datasheet
513Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. 0
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com