データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6411 データシート(PDF) 8 Page - Analog Devices

部品番号 AD6411
部品情報  DECT RF Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6411 データシート(HTML) 8 Page - Analog Devices

Back Button AD6411_15 Datasheet HTML 3Page - Analog Devices AD6411_15 Datasheet HTML 4Page - Analog Devices AD6411_15 Datasheet HTML 5Page - Analog Devices AD6411_15 Datasheet HTML 6Page - Analog Devices AD6411_15 Datasheet HTML 7Page - Analog Devices AD6411_15 Datasheet HTML 8Page - Analog Devices AD6411_15 Datasheet HTML 9Page - Analog Devices AD6411_15 Datasheet HTML 10Page - Analog Devices AD6411_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD6411
–8–
REV. 0
One-Time Setup Register Bit Definitions
RSB: Receive Control Line Sense Bit
RSB
Function
0
Receive Section POWER UP Active HIGH
1
Receive Section POWER UP Active LOW
TSB: Transmit Control Line Sense Bit
TSB
Function
0
Transmit Section POWER UP Active HIGH
1
Transmit Section POWER UP Active LOW
SSB: Synthesizer Control Line Sense Bit
SSB
Function
0
Synthesizer POWER UP Active LOW
1
Synthesizer POWER UP Active HIGH
RXM1, RXM0: Divider Power Mode In Active Receive Slot
RXM1
RXM0
Function
0
0
Dividers Powered Down, VCO Fly-
wheeled in Active Receive Mode
0
1
Dividers Powered Up, VCO Fly-
wheeled in Active Receive Mode
1
0
Dividers Powered Up, VCO Locked
to Synthesizer in Active Receive Mode
1
1
Dividers Powered Up, VCO Locked
to Synthesizer in Active Receive Mode
TXM: Divider Power Mode In Active Transmit Slot
TXM
Function
0
Dividers Powered Down, VCO Flywheeled in
Active Mode
1
Dividers Powered Up, VCO Flywheeled in Active
Mode
BSWS: Band Switch Sense (Control with External Lines)
BSWS
Function
0
Band Switch Output High in Receive Slot, PIN
Diode ON
1
Band Switch Output Low in Receive Slot, PIN
Diode ON
CF0: Configuration Bit 0
CF0
Function
0
Use Serial Interface for Mode Control
1
Use External Control Lines for Mode Control
CT1, CT0: Charge Pump Test Bits
CT1
CT0
Function
0
0
Three-State Output
0
1
Force Pump UP Current (Nom 1 mA)
1
0
Force Pump DOWN Current (Nom 1 mA)
1
1
Normal Operation (Driven from PFD)
DSD: Disable Data Slicer
DSD
Function
0
Disable On-Chip Data Slicer. Analog Output at Pin
DEMOD_DATA
1
Enable On-Chip Data Slicer. Digital Output at Pin
DEMOD_DATA
DSD bit is configured at power-up depending on whether an
external data slicer is being used in the system. Data slicer is
disabled when the IF strip is powered down irrespective of the
status of bit DSD.
SFM: S-Field Mode
SFM
Function
0
Normal Demodulation Mode
1
S-Field Sampling Mode
PDS: Phase Detector Sense
PDS
Function
0
PFD Pumps UP when Fvco > Fref
1
PFD Pumps UP when Fref > Fvco
RD: Reference Divide Ratio
RD
Function
0
Reference Frequency = 10.368 MHz
1
Reference Frequency = 13.824 MHz


同様の部品番号 - AD6411_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6411AST AD-AD6411AST Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
More results

同様の説明 - AD6411_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
logo
SIPAT Co,Ltd
SP903 SIPAT-SP903 Datasheet
32Kb / 1P
   DECT RF Filters
SP959B SIPAT-SP959B Datasheet
44Kb / 1P
   DECT RF Filters
SP886 SIPAT-SP886 Datasheet
47Kb / 1P
   DECT RF Filters
SP903 SIPAT-SP903 Datasheet
30Kb / 1P
   DECT RF Filters
SP959B SIPAT-SP959B Datasheet
43Kb / 1P
   DECT RF Filters
SP454 SIPAT-SP454 Datasheet
50Kb / 1P
   DECT RF Filters
SP915 SIPAT-SP915 Datasheet
32Kb / 1P
   DECT RF Filters
SP454 SIPAT-SP454 Datasheet
51Kb / 1P
   DECT RF Filters
SP915 SIPAT-SP915 Datasheet
33Kb / 1P
   DECT RF Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com