データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6600 データシート(PDF) 2 Page - Analog Devices

部品番号 AD6600
部品情報  Dual Channel, Gain-Ranging ADC with RSSI
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6600 データシート(HTML) 2 Page - Analog Devices

  AD6600_15 Datasheet HTML 1Page - Analog Devices AD6600_15 Datasheet HTML 2Page - Analog Devices AD6600_15 Datasheet HTML 3Page - Analog Devices AD6600_15 Datasheet HTML 4Page - Analog Devices AD6600_15 Datasheet HTML 5Page - Analog Devices AD6600_15 Datasheet HTML 6Page - Analog Devices AD6600_15 Datasheet HTML 7Page - Analog Devices AD6600_15 Datasheet HTML 8Page - Analog Devices AD6600_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD6600–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
ANALOG INPUTS (AIN,
AIN/BIN, BIN)
Differential Analog Input Voltage Range1
Full
V
2.0
V p-p
Differential Analog Input Resistance
2
Full
IV
160
200
240
Differential Analog Input Capacitance
25
°C
V
1.5
pF
PEAK DETECTOR (Internal), RSSI
Resolution
3
Bits
RSSI Gain Step
Full
V
6
dB
RSSI Hysteresis
3
Full
V
6
dB
RESONANT PORT (FLT,
FLT)
Differential Port Resistance
Full
V
630
Differential Port Capacitance
Full
V
1.75
pF
A/D CONVERTER
Resolution
Full
IV
11
Bits
ENCODE INPUTS (ENC,
ENC)
Differential Input Voltage (AC-Coupled)
4
Full
IV
0.4
V p-p
Differential Input Resistance
25
°CV
11
k
Differential Input Capacitance
25
°C
V
2.5
pF
A/B MODE INPUTS (A_SEL, B_SEL)
5
Input High Voltage Range
Full
IV
4.75
5.25
V
Input Low Voltage Range
Full
IV
0.0
0.5
V
POWER SUPPLY
Supply Voltages
AVCC
Full
II
4.75
5.0
5.25
V
DVCC
Full
IV
3.0
3.3
5.25
V
Supply Current
IAVCC (AVCC = 5.0 V)
Full
II
145
182
mA
IDVCC (DVCC = 3.3 V)
Full
II
15
20
mA
POWER CONSUMPTION
6
Full
II
775
976
mW
NOTES
1Analog Input Range is a function of input frequency. See ac specifications for 70 MHz–250 MHz inputs.
2Analog Input Impedance is a function of input frequency. See ac specifications for 70 MHz–450 MHz inputs.
3Six dB of digital hysteresis is used to eliminate level uncertainty at the RSSI threshold points due to noise and amplitude variations.
4Encode inputs should be ac-coupled and driven differentially. See Encoding the AD6600 for details.
5A_SEL and B_SEL should be tied directly to ground or AVCC.
6Maximum power consumption is computed as maximum current at nominal supplies.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
LOGIC OUTPUTS (D10–D0, AB_OUT, RSSI2–0)
1
Logic Compatibility
CMOS
Logic “1” Voltage (DVCC = 3.3 V)
Full
II
2.8
DVCC – 0.2
V
Logic “0” Voltage (DVCC = 3.3 V)
Full
II
0.2
0.5
V
Logic “1” Voltage (DVCC = 5.0 V)
Full
IV
4.0
DVCC – 0.35
V
Logic “0” Voltage (DVCC = 5.0 V)
Full
IV
0.35
0.5
V
Output Coding (D10–D0)
Two’s Complement
CLK2
× OUTPUT1, 2
Logic “1” Voltage (DVCC = 3.3 V)
Full
II
2.8
DVCC – 0.2
V
Logic “0” Voltage (DVCC = 3.3 V)
Full
II
0.2
0.5
V
Logic “1” Voltage (DVCC = 5.0 V)
Full
IV
4.0
DVCC – 0.3
V
Logic “0” Voltage (DVCC = 5.0 V)
Full
IV
0.35
0.5
V
NOTES
1Digital output load is one LCX gate.
2CLK2
× output voltage levels, high and low, tested at switching rate of 10 MHz.
Specifications subject to change without notice.
(AVCC = 5 V, DVCC = 3.3 V; TMIN = –40 C, TMAX = +85 C unless otherwise noted.)
(AVCC = 5 V, DVCC = 3.3 V; TMIN = –40 C, TMAX = +85 C unless otherwise noted.)


同様の部品番号 - AD6600_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6600 AD-AD6600_17 Datasheet
339Kb / 25P
   Dual Channel, Gain-Ranging
More results

同様の説明 - AD6600_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6600 AD-AD6600 Datasheet
303Kb / 24P
   Dual Channel, Gain-Ranging ADC with RSSI
REV. 0
AD6600 AD-AD6600_17 Datasheet
339Kb / 25P
   Dual Channel, Gain-Ranging
logo
Asahi Kasei Microsystem...
AK1291 AKM-AK1291_17 Datasheet
523Kb / 16P
   IF Variable Gain Amplifier with RSSI
AK1291 AKM-AK1291 Datasheet
449Kb / 15P
   IF Variable Gain Amplifier with RSSI
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
logo
Texas Instruments
AFE5851 TI-AFE5851 Datasheet
1Mb / 41P
[Old version datasheet]   16 CHANNEL VARIABLE GAIN AMPLIFIER (VGA) WITH OCTAL HIGH SPEED ADC
AFE5851 TI1-AFE5851_14 Datasheet
1Mb / 41P
[Old version datasheet]   16 CHANNEL VARIABLE GAIN AMPLIFIER (VGA) WITH OCTAL HIGH SPEED ADC
AFE5801 TI1-AFE5801_14 Datasheet
1Mb / 47P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
AFE5801 TI-AFE5801 Datasheet
1,011Kb / 46P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
logo
Analog Devices
ADAQ8088 AD-ADAQ8088 Datasheet
318Kb / 14P
   Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com