データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6624 データシート(PDF) 5 Page - Analog Devices

部品番号 AD6624
部品情報  Four-Channel, 80 MSPS Digital Receive Signal Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6624 データシート(HTML) 5 Page - Analog Devices

  AD6624_15 Datasheet HTML 1Page - Analog Devices AD6624_15 Datasheet HTML 2Page - Analog Devices AD6624_15 Datasheet HTML 3Page - Analog Devices AD6624_15 Datasheet HTML 4Page - Analog Devices AD6624_15 Datasheet HTML 5Page - Analog Devices AD6624_15 Datasheet HTML 6Page - Analog Devices AD6624_15 Datasheet HTML 7Page - Analog Devices AD6624_15 Datasheet HTML 8Page - Analog Devices AD6624_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
REV. B
–5–
AD6624
MICROPROCESSOR PORT TIMING CHARACTERISTICS1, 2
Test
AD6624AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
MICROPROCESSOR PORT, MODE INM (MODE = 0)
MODE INM Write Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
5.5
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
1.0
ns
tHWR
WR(RW) to RDY(DTACK) Hold Time
Full
IV
8.0
ns
tSAM
Address/Data to
WR(RW) Setup Time
Full
IV
–0.5
ns
tHAM
Address/Data to RDY(
DTACK) Hold Time
Full
IV
7.0
ns
tDRDY
WR(RW) to RDY(DTACK) Delay
Full
IV
4.0
ns
tACC
WR(RW) to RDY(DTACK) High Delay
Full
IV
4
× t
CLK
5
× t
CLK
9
× t
CLK
ns
MODE INM Read Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
4.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tSAM
Address to
RD(DS) Setup Time
Full
IV
0.0
ns
tHAM
Address to Data Hold Time
Full
IV
7.0
ns
tDRDY
RD(DS) to RDY(DTACK) Delay
Full
IV
4.0
ns
tACC
RD(DS) to RDY(DTACK) High Delay
Full
IV
8
× tCLK
10
× tCLK 13 × tCLK
ns
MICROPROCESSOR PORT, MODE MNM (MODE = 1)
MODE MNM Write Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
5.5
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
1.0
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tHRW
RW(
WR) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tSAM
Address/Data to RW(
WR) Setup Time
Full
IV
–0.5
ns
tHAM
Address/Data to RW(
WR) Hold Time
Full
IV
7.0
ns
tACC
RW(
WR) to DTACK(RDY) Low Delay
Full
IV
4
× tCLK
5
× tCLK
9
× tCLK
ns
MODE MNM Read Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
4.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tSAM
Address to
DS(RD) Setup Time
Full
IV
8.0
ns
tHAM
Address to Data Hold Time
Full
IV
0.0
ns
tZD
Data Three-State Delay
Full
IV
7.0
ns
tACC
DS(RD) to DTACK(RDY) Low Delay
Full
IV
8
× t
CLK
10
× t
CLK
13
× t
CLK
ns
NOTES
1All timing specifications valid over VDD range of 2.375 V to 2.675 V and VDDIO range of 3.0 V to 3.6 V.
2C
LOAD = 40 pF on all outputs unless otherwise specified.
3Specification pertains to control signals: RW, (
WR), DS, (RD), CS.
Specifications subject to change without notice.


同様の部品番号 - AD6624_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624AABC AD-AD6624AABC Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624AS AD-AD6624AS Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624AS/PCB AD-AD6624AS/PCB Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
More results

同様の説明 - AD6624_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6634 AD-AD6634 Datasheet
925Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com