データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6630 データシート(PDF) 3 Page - Analog Devices

部品番号 AD6630
部品情報  Differential, Low Noise IF Gain Block with Output Clamping
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6630 データシート(HTML) 3 Page - Analog Devices

  AD6630_15 Datasheet HTML 1Page - Analog Devices AD6630_15 Datasheet HTML 2Page - Analog Devices AD6630_15 Datasheet HTML 3Page - Analog Devices AD6630_15 Datasheet HTML 4Page - Analog Devices AD6630_15 Datasheet HTML 5Page - Analog Devices AD6630_15 Datasheet HTML 6Page - Analog Devices AD6630_15 Datasheet HTML 7Page - Analog Devices AD6630_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. 0
AD6630
Test
Parameter
Temp
Level
Min
Typ
Max
Units
HIGH LEVEL CLAMP MAXIMUM OUTPUT @ 250 MHz
4, 5
Full
IV
11.2
12.2
dBm
PHASE VARIATION6
+25
°C
V
9
Degree
CMRR7
+25
°CV
50
dB
PSRR
8
+25
°CV
30
dB
NOTES
1All specifications are valid across the operating frequency range when the source and load impedance are a conjugate match to the amplifier’s input and output
impedance.
2Test is for two tones separated by 1 MHz for IFs at 70 MHz and 250 MHz at –23 dBm per tone input.
3Low Level Clamp is selected by connecting pin CLLO to the negative supply, while pin CLHI is left floating. Clamping can be set at lower levels by connecting pin
CLLO and CLHI to the negative supply through an external resistor.
4High Level Clamp is selected by connecting pin CLHI to the negative supply, while pin CLLO is left floating, this allows the maximum linear range of the device to
be utilized.
5Output clamp levels are measured for hard clamping with a +3 dBm input level. Valid for a maximum input level of +8 dBm/200
Ω = 3.2 V p-p—differential.
6Measured as the change in output phase when the input level is changed from –53 dBm to +8 dBm (i.e., from linear operation to clamping).
7Ratio of the differential output signal (referenced to the input) to the common-mode input signal presented to all input pins.
8Ratio of signal on supply to differential output (<500 kHz).
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Single Supply Voltage
–0.5
11.5
V
Positive Supply Voltage
–0.5
5.75
V
Negative Supply Voltage
–5.75
0.5
V
Input Power
+8
dBm
Storage Temperature
–65
+150
°C
Junction Temperature
+150
°C
ESD Protection
1
kV
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at +25
°C, and guaranteed by
design and analysis at temperature extremes.
III. Sample tested only.
IV. Parameter guaranteed by design and analysis.
V.
Parameter is typical value only.
VI. 100% production tested at +25
°C, and sample tested at
temperature extremes.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6630AR
–40
°C to +85°C (Ambient)
16-Lead Wide Body SOIC
R-16
AD6630AR-REEL
–40
°C to +85°C (Ambient)
AD6630AR on 1000 PC Reel
AD6630R/PCB
Evaluation Board with AD6630AR
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6630 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


同様の部品番号 - AD6630_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6630AR AD-AD6630AR Datasheet
129Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
AD6630AR-REEL AD-AD6630AR-REEL Datasheet
129Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
AD6630PCB AD-AD6630PCB Datasheet
129Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
AD6630R AD-AD6630R Datasheet
129Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
AD6630R/PCB AD-AD6630R/PCB Datasheet
129Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
More results

同様の説明 - AD6630_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6630 AD-AD6630 Datasheet
129Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
[Old version datasheet]   INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Analog Devices
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
   RF/IF Gain Block
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
   RF/IF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com