データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7142 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7142
部品情報  Programmable Controller for Capacitance Touch Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7142 データシート(HTML) 9 Page - Analog Devices

Back Button AD7142_15 Datasheet HTML 5Page - Analog Devices AD7142_15 Datasheet HTML 6Page - Analog Devices AD7142_15 Datasheet HTML 7Page - Analog Devices AD7142_15 Datasheet HTML 8Page - Analog Devices AD7142_15 Datasheet HTML 9Page - Analog Devices AD7142_15 Datasheet HTML 10Page - Analog Devices AD7142_15 Datasheet HTML 11Page - Analog Devices AD7142_15 Datasheet HTML 12Page - Analog Devices AD7142_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
AD7142
Rev. A | Page 8 of 72
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVCC to AGND, DVCC to DGND
−0.3 V to +3.6 V
Analog Input Voltage to AGND
−0.3 V to AVCC + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Input Current to Any Pin Except
Supplies1
10 mA
ESD Rating (Human Body Model)
2.5 kV
Operating Temperature Range
−40°C to +150°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP_VQ
Power Dissipation
450 mW
θJA Thermal Impedance
135.7°C/W
IR Reflow Peak Temperature
260°C (±0.5°C)
Lead Temperature (Soldering 10 sec)
300°C
1Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 5. Load Circuit for Digital Output Timing Specifications
ESD CAUTION


同様の部品番号 - AD7142_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results

同様の説明 - AD7142_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com