データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7302 データシート(PDF) 11 Page - Analog Devices

部品番号 AD7302
部品情報  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7302 データシート(HTML) 11 Page - Analog Devices

Back Button AD7302_15 Datasheet HTML 7Page - Analog Devices AD7302_15 Datasheet HTML 8Page - Analog Devices AD7302_15 Datasheet HTML 9Page - Analog Devices AD7302_15 Datasheet HTML 10Page - Analog Devices AD7302_15 Datasheet HTML 11Page - Analog Devices AD7302_15 Datasheet HTML 12Page - Analog Devices AD7302_15 Datasheet HTML 13Page - Analog Devices AD7302_15 Datasheet HTML 14Page - Analog Devices AD7302_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7302
–11–
REV. 0
VREF
is the voltage applied to the external REFIN pin when
the external reference is selected and is VDD/2 if the
internal reference is used.
Table I. Output Voltage for Selected Input Codes
Digital Input
MSB . . . LSB
Analog Output
1111 1111
2
× 255/256 × V
REF V
1111 1110
2
× 254/256 × V
REF V
1000 0001
2
× 129/256 × V
REF V
1000 0000
VREF V
0111 1111
2
× 127/256 × V
REF V
0000 0001
2
× V
REF/256 V
0000 0000
0 V
00
01
DAC INPUT
CODE
FF
80
81
FE
7F
0
2.VREF
VREF
Figure 26. DAC Transfer Function
Figure 27 shows a typical setup for the AD7302 when using its
internal reference. The internal reference is selected by tying the
REFIN pin to VDD. Internally in the reference section there is a
reference detect circuit that will select the internal VDD/2 based
on the voltage connected to the REFIN pin. If REFIN is within
a threshold voltage of a PMOS device (approximately 1 V) of
VDD the internal reference is selected. When the REFIN voltage
is more than 1 V below VDD, the externally applied voltage at
this pin is used as the reference for the DAC. The internal
reference on the AD7302 is VDD/2, the output current to voltage
converter within the AD7302 provides a gain of two. Thus the
output range of the DAC is from 0 V to VDD, based on Table I.
AD7302
VOUTA
VOUTB
10µF
0.1µF
VDD = 3 TO 5V
VDD
A/B
REF IN
CLR
PD
VDD
AGND DGND
CS
WR LDAC
D7–D0
VOUTA
VOUTB
DATA BUS
CONTROL INPUTS
Figure 27. Typical Configuration Selecting the Internal
Reference
Figure 28 shows a typical setup for the AD7302 when using an
external reference. The reference range for the AD7302 is from
1 V to VDD/2 V. Higher values of reference can be incorporated,
but will saturate the output at both the top and bottom end of
the transfer function. There is a gain of two from input to output
on the AD7302. Suitable references for 5 V operation are the
AD780 and REF192. For 3 V operation a suitable external
reference would be the AD589 a 1.23 V bandgap reference.
AD7302
VOUTA
VOUTB
10µF
0.1µF
VDD = 3 TO 5V
VDD
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 3V
REF IN
GND
VOUT
VIN
0.1µF
EXT REF
VDD
AGND DGND
D7–D0
VOUTA
VOUTB
DATA BUS
CONTROL INPUTS
A/B
CLR
PD
CS
WR LDAC
Figure 28. Typical Configuration Using An External
Reference


同様の部品番号 - AD7302_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7302BN AD-AD7302BN Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BN AD-AD7302BN Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BN AD-AD7302BN Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BR AD-AD7302BR Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results

同様の説明 - AD7302_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com