データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74FB2033ARCG3 データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74FB2033ARCG3
部品情報  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2033ARCG3 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74FB2033ARCG3 Datasheet HTML 4Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 5Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 6Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 7Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 8Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 9Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 10Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 11Page - Texas Instruments SN74FB2033ARCG3 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SN74FB2033A
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS174M – NOVEMBER 1991 – REVISED SEPTEMBER 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
AI
B
2.3
3.6
4.6
2.3
5.6
ns
tPHL
(through mode)
B
1.9
3
4.2
1.9
4.5
ns
tPLH
B
AO
2.5
4.2
5.5
2.5
6.1
ns
tPHL
B
(through mode)
AO
3
4.2
5.6
3
5.7
ns
tPLH
AI
B
2.3
3.6
4.6
2.3
5.6
ns
tPHL
(transparent)
B
1.9
3
4.1
1.9
4.5
ns
tPLH
B
AO
2.5
4.2
5.5
2.5
6.1
ns
tPHL
B
(transparent)
AO
3
4.2
5.6
3
5.7
ns
tPLH
OEB
B
2.4
3.7
4.7
2.4
5.8
ns
tPHL
OEB
B
1.8
3
4.1
1.8
4.4
ns
tPLH
OEB
B
2
3.4
4.3
2
5.2
ns
tPHL
OEB
B
2
3.3
4.4
2
4.8
ns
tPZH
OEA
AO
2
3.5
4.6
2
5.1
ns
tPZL
OEA
AO
2.7
4.2
5.1
2.7
5.4
ns
tPHZ
OEA
AO
2.1
4
5
2.1
5.5
ns
tPLZ
OEA
AO
1.6
2.8
3.9
1.6
4.3
ns
tPLH
CLKAB/LEAB
B
3
4.7
5.8
3
6.9
ns
tPHL
CLKAB/LEAB
B
2.8
4.3
5.6
2.8
6.1
ns
tPLH
CLKBA/LEBA
AO
2
3.6
4.9
2
5.4
ns
tPHL
CLKBA/LEBA
AO
2.2
3.5
4.7
2.2
5.1
ns
tPLH
OMODE
B
2.4
5
6.1
2.4
7.2
ns
tPHL
OMODE
B
2.4
4.5
6
2.4
6.7
ns
tPLH
IMODE
AO
1.8
4
5.3
1.8
5.9
ns
tPHL
IMODE
AO
2.3
4.1
5.2
2.3
5.4
ns
tPLH
LOOPBACK
AO
2.4
5
7
2.4
8
ns
tPHL
LOOPBACK
AO
3.1
4.6
5.7
3.1
5.9
ns
tPLH
AI
AO
1.9
3.7
5.5
1.9
6.1
ns
tPHL
AI
AO
2.6
4.2
5.6
2.6
5.8
ns
tr
Rise time,1.3 V to 1.8 V, B port
0.5
1.2
2.1
0.5
3
ns
tf
Fall time, 1.8 V to 1.3 V, B port
0.5
1.4
2.3
0.5
3
ns
tr
Rise time, 10% to 90%, AO
2
3.3
4.2
2
5
ns
tf
Fall time, 90% to 10%, AO
1
2.5
3.4
1
5
ns
B-port input pulse rejection
1
ns
output-voltage characteristics
PARAMETER
TEST
CONDITIONS
MIN
MAX
UNIT
VOHP
Peak output voltage during turnoff of 100 mA into 40 nH
B port
See Figure 1
4.5
V
VOHV
Minimum output voltage during turnoff of 100 mA into 40 nH
B port
See Figure 1
1.62
V
VOLV
Minimum output voltage during high-to-low switch
B port
IOL = –50 mA
0.3
V


同様の部品番号 - SN74FB2033ARCG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74FB2033ARC TI-SN74FB2033ARC Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARC TI1-SN74FB2033ARC Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCR TI-SN74FB2033ARCR Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCR TI1-SN74FB2033ARCR Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCRG3 TI1-SN74FB2033ARCRG3 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

同様の説明 - SN74FB2033ARCG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com