データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C752B-EP データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C752B-EP
部品情報  3.3 V DUAL UART WITH 64-BYTE FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752B-EP データシート(HTML) 3 Page - Texas Instruments

  TL16C752B-EP Datasheet HTML 1Page - Texas Instruments TL16C752B-EP Datasheet HTML 2Page - Texas Instruments TL16C752B-EP Datasheet HTML 3Page - Texas Instruments TL16C752B-EP Datasheet HTML 4Page - Texas Instruments TL16C752B-EP Datasheet HTML 5Page - Texas Instruments TL16C752B-EP Datasheet HTML 6Page - Texas Instruments TL16C752B-EP Datasheet HTML 7Page - Texas Instruments TL16C752B-EP Datasheet HTML 8Page - Texas Instruments TL16C752B-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TL16C752B-EP
www.ti.com
SGLS153B – FEBRUARY 2003 – REVISED DECEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A0
28
I
Address 0 select bit. Internal registers address selection.
A1
27
I
Address 1 select bit. Internal registers address selection.
A2
26
I
Address 2 select bit. Internal registers address selection.
Carrier detect (active low). These inputs are associated with individual UART channels A and B. A low
CDA,
40,
I
on these pins indicates that a carrier has been detected by the modem for that channel. The state of
CDB
16
these inputs is reflected in the modem status register (MSR).
Chip select A and B (active low). These pins enable data transfers between the user CPU and the
CSA,
10,
I
TL16C752B for the channel(s) addressed. Individual UART sections (A, B) are addressed by providing
CSB
11
a low on the respective CSA and CSB pins.
Clear to send (active low). These inputs are associated with individual UART channels A and B. A
logic low on the CTS pins indicates the modem or data set is ready to accept transmit data from the
CTSA,
38,
I
TL16C752B. Status can be tested by reading MSR bit 4. These pins only affect the transmit and
CTSB
23
receive operations when auto CTS function is enabled through the enhanced feature register (EFR) bit
7, for hardware flow control operation.
Data bus (bidirectional). These pins are the eight bit, 3-state data bus for transferring information to or
D0–D4
44–48,
I/O
from the controlling CPU. D0 is the least significant bit and the first data bit in a transmit or receive
D5–D7
1–3
serial data stream.
Data set ready (active low). These inputs are associated with individual UART channels A and B. A
DSRA,
39,
I
logic low on these pins indicates the modem or data set is powered on and is ready for data exchange
DSRB
20
with the UART. The state of these inputs is reflected in the modem status register (MSR).
Data terminal ready (active low). These outputs are associated with individual UART channels A and
DTRA,
34,
B. A logic low on these pins indicates that the TL16C752B is powered on and ready. These pins can
O
DTRB
35
be controlled through the modem control register. Writing a 1 to MCR bit 0 sets the DTR output to low,
enabling the modem. The output of these pins is high after writing a 0 to MCR bit 0, or after a reset.
GND
17
Pwr
Signal and power ground
Interrupt A and B (active high). These pins provide individual channel interrupts, INT A and B. INT A
and B are enabled when MCR bit 3 is set to a logic 1, interrupt sources are enabled in the interrupt
INTA,
30,
O
enable register (IER). Interrupt conditions include: receiver errors, available receiver buffer data,
INTB
29
available transmit buffer space or when a modem status flag is detected. INTA-B are in the high-
impedance state after reset.
Read input (active low strobe). A high-to-low transition on IOR loads the contents of an internal register
IOR
19
I
defined by address bits A0–A2 onto the TL16C752B data bus (D0–D7) for access by an external CPU.
Write input (active low strobe). A low-to-high transition on IOW transfers the contents of the data bus
IOW
15
I
(D0–D7) from the external CPU to an internal register that is defined by address bits A0–A2 and CSA
and CSB.
User-defined outputs. This function is associated with individual channels A and B. The state of these
pins is defined by the user through the software settings of the MCR register, bit 3. INTA-B are set to
OPA,
32,
O
active mode and OP to a logic 0 when the MCR-3 is set to a logic 1. INTA-B are set to the 3-state
OPB
9
mode and OP to a logic 1 when MCR-3 is set to a logic 0. See bit 3, modem control register (MCR bit
3). The output of these two pins is high after reset.
Reset. RESET resets the internal registers and all the outputs. The UART transmitter output and the
RESET
36
I
receiver input is disabled during reset time. See TL16C752B external reset conditions for initialization
details. RESET is an active-high input.
Ring indicator (active low). These inputs are associated with individual UART channels A and B. A
RIA,
41,
logic low on these pins indicates the modem has received a ringing signal from the telephone line. A
I
RIB
21
low-to-high transition on these input pins generates a modem status interrupt, if enabled. The state of
these inputs is reflected in the modem status register (MSR).
Request to send (active low). These outputs are associated with individual UART channels A and B. A
low on the RTS pin indicates the transmitter has data ready and waiting to send. Writing a 1 in the
RTSA,
33,
modem control register (MCR bit 1) sets these pins to low, indicating data is available. After a reset,
O
RTSB
22
these pins are set to high. These pins only affect the transmit and receive operation when auto RTS
function is enabled through the enhanced feature register (EFR) bit 6, for hardware flow control
operation.
Receive data input. These inputs are associated with individual serial channel data to the TL16C752B.
RXA,
5,
I
During the local loopback mode, these RX input pins are disabled and TX data is internally connected
RXB
4
to the UART RX input internally.
RXRDYA,
31,
Receive ready (active low). RXRDY A and B goes low when the trigger level has been reached or a
O
RXRDYB
18
timeout interrupt occurs. They go high when the RX FIFO is empty or there is an error in RX FIFO.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL16C752B-EP


同様の部品番号 - TL16C752B-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

同様の説明 - TL16C752B-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com