データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC251CDRG4 データシート(PDF) 6 Page - Texas Instruments

部品番号 TLC251CDRG4
部品情報  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC251CDRG4 データシート(HTML) 6 Page - Texas Instruments

Back Button TLC251CDRG4 Datasheet HTML 2Page - Texas Instruments TLC251CDRG4 Datasheet HTML 3Page - Texas Instruments TLC251CDRG4 Datasheet HTML 4Page - Texas Instruments TLC251CDRG4 Datasheet HTML 5Page - Texas Instruments TLC251CDRG4 Datasheet HTML 6Page - Texas Instruments TLC251CDRG4 Datasheet HTML 7Page - Texas Instruments TLC251CDRG4 Datasheet HTML 8Page - Texas Instruments TLC251CDRG4 Datasheet HTML 9Page - Texas Instruments TLC251CDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLC251, TLC251A, TLC251B, TLC251Y
LinCMOS
 PROGRAMMABLE
LOW-POWER OPERATIONAL AMPLIFIERS
SLOS001F – JULY 1983 – REVISED MARCH 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
HIGH-BIAS MODE
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC251C, TLC251AC,
TLC251BC
UNIT
A
MIN
TYP
MAX
25
°C
3.6
VI(PP) = 1 V
0
°C
4
SR
Slew rate at unity gain
RL =10kΩ
CL =20 pF
()
70
°C
3
V/
µs
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 pF
25
°C
2.9
V/
µs
VI(PP) = 2.5 V
0
°C
3.1
()
70
°C
2.5
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
25
°C
25
nV/
√Hz
25
°C
320
BOM
Maximum output-swing bandwidth
VO = VOH,
CL = 20 pF,
RL = 10 kΩ
0
°C
340
kHz
70
°C
260
25
°C
1.7
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF
0
°C
2
MHz
70
°C
1.3
25
°C
46
°
φm
Phase margin
VI = 10 mV,
f = B1,CL = 20 pF
0
°C
47
°
70
°C
44
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC251C, TLC251AC,
TLC251BC
UNIT
A
MIN
TYP
MAX
25
°C
5.3
VI(PP) = 1 V
0
°C
5.9
SR
Slew rate at unity gain
RL =10kΩ
CL =20 pF
()
70
°C
4.3
V/
µs
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 pF
25
°C
4.6
V/
µs
VI(PP) = 5.5 V
0
°C
5.1
()
70
°C
3.8
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
25
°C
25
nV/
√Hz
25
°C
200
BOM
Maximum output-swing bandwidth
VO = VOH,
CL = 20 pF,
RL = 10 kΩ
0
°C
220
kHz
70
°C
140
25
°C
2.2
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF
0
°C
2.5
MHz
70
°C
1.8
25
°C
49
°
φm
Phase margin
VI = 10 mV,
f = B1,CL = 20 pF
0
°C
50
°
70
°C
46
°


同様の部品番号 - TLC251CDRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLC251CDRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271PS-M TI-TLC271PS-M Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com