データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAD70-08 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MSAD70-08
部品情報  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MSAD70-08 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MSAD70-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSAD70-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSAD70-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD70
Document Number: MSCD70
www.
Aug.31, 2010
2
smsemi.com
Performance Curves
120
W
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Zth(j-C)
0.001
0.01
0.1
1.0
10
S 100
1
10
cycles 100
50HZ
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ID
60
A
120
60
Pvtot
0
0
Tc
50
100
℃ 150
120
A
60
ID
0
DC
sin.180
rec.120
DC
sin.180
rec.60
rec.120
rec.30
rec.60
rec.30
0.6
℃/ W
0.3
0
1500
A
750
0
300
A
200
100
IF
0
typ.
max.
25℃
- - -125℃
0
VF
0.5
1.0
1.5
V 2.0
Fig5. Forward Characteristics


同様の部品番号 - MSAD70-08

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MSAD70B-08 ETC2-MSAD70B-08 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSAD70B-12 ETC2-MSAD70B-12 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSAD70B-16 ETC2-MSAD70B-16 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSAD70B-18 ETC2-MSAD70B-18 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

同様の説明 - MSAD70-08

メーカー部品番号データシート部品情報
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com