データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54233 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL54233
部品情報  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL54233 Datasheet HTML 6Page - Intersil Corporation ISL54233 Datasheet HTML 7Page - Intersil Corporation ISL54233 Datasheet HTML 8Page - Intersil Corporation ISL54233 Datasheet HTML 9Page - Intersil Corporation ISL54233 Datasheet HTML 10Page - Intersil Corporation ISL54233 Datasheet HTML 11Page - Intersil Corporation ISL54233 Datasheet HTML 12Page - Intersil Corporation ISL54233 Datasheet HTML 13Page - Intersil Corporation ISL54233 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL54233
10
FN7918.0
December 21, 2011
BOARD LAYOUT GUIDELINES
• The ISL54233 device must be soldered directly onto the
PCB board. No IC sockets can be used. Their parasitic
impedance will degrade the frequency performance.
• The signal traces (1D+, 1D-, 2D+, 2D-, 3D+, 3D-, COM- and
COM+) must have a controlled (characteristic) impedance of
50Ω ±5%
. Tight control on trace width and dielectric
thickness must be followed to get 50Ω lines. Impedance
tests results for controlled lines should be requested from
the board fabrication house.
• A four layer PCB board: Signal (top) layer), Thin-Dielectric,
GND (2nd layer), Thick-Dielectric, GND (3rd layer),
Thin-Dielectric, Signal (Bottom layer) is required to achieve
50Ω traces. The top and bottom thin-dielectric are Nelco
4000-13 or Rogers 4350 core type material. The center
thick-dielectric is FR4 pre-preg material.
Figure 10 illustrates the material and sequencing of the
layers. The dimensions called out are those required to
achieve 50Ω microstrip for the signal traces.
• Route all controlled impedance signal lines on the top
(signal) layer with no vias or through holes. Vias or through
holes make it difficult to maintain a controlled impedance
and tend to generate reflections.
• The signal trace lengths should be as short ( <1 inch from
SMA connector to the switch pin) and straight as possible. If
it becomes necessary to turn 90°, use two 45° turns or an
arc instead of making a single 90° turn. This reduces
reflections on the signal by minimizing impedance
discontinuities.
• Use Edge - Launch SMA connectors for all signal lines. The
SMA connector terminal should be tapered to the signal
trace.
• Ground stitching should be done along signal traces and
around SMA ground connectors. This helps to isolate the
trace in a ground conduit. This reduces capacitive coupling
between traces and provides a good return path for the
signal.
• Use dry film solder mask. Clear the solder mask from signal
trace.
• Power and/or logic lines can be run on the bottom layer.
Logic lines should be routed away from the signal lines. This
will minimize capacitive coupling from the logic lines.
• A 4.7µF capacitor is placed from VCC to GND where the power
is brought onto the board. It keeps any low frequency noise
from getting on the board. Since a bulk capacitor will look
inductive at higher frequencies, an additional 0.1µF capacitor
is placed across the supply lines. A 0.01µF decoupling
capacitor needs to be connected from the VDD pin to ground
of the ISL54233 part to filter out any power supply noise from
entering the part. The capacitor should be a RF type chip
capacitor and should be located as close to the VDD pin as
possible. Note: RF type capacitors have a smaller foot-print
than regular capacitors.
FIGURE 10. FOUR LAYER BOARD STACK-UP
TOP (SIGNAL) LAYER
GND LAYER
FR4 PRE-PREG
GND LAYER
BOTTOM LAYER
5 mil
52 mil
5 mil
10 mil
ROGERS 4350 CORE
ROGERS 4350 CORE
TRACE
GND
GND


同様の部品番号 - ISL54233

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
ISL54233 INTERSIL-ISL54233 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ INTERSIL-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRTZ RENESAS-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

同様の説明 - ISL54233

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com