データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7352YRUZ-500RL7 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7352YRUZ-500RL7
部品情報  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7352YRUZ-500RL7 データシート(HTML) 10 Page - Analog Devices

Back Button AD7352YRUZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 9Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 10Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 11Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 12Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 13Page - Analog Devices AD7352YRUZ-500RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7352
Rev. A | Page 9 of 20
0
500
1000
1500
2000
2500
3000
CURRENT LOAD (µA)
2.0460
2.0462
2.0464
2.0466
2.0468
2.0470
2.0472
2.0474
2.0476
2.0478
2.0480
2.0482
Figure 9. VREF vs. Reference Output Current Drive
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
102030
40
SCLK FREQUENCY (kHz)
50
INL MAX
INL MIN
DNL MAX
DNL MIN
Figure 10. Linearity Error vs. SCLK Frequency
–1.0
–0.6
–0.2
0.2
0.6
1.0
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
EXTERNAL VREF (V)
INL MAX
DNL MAX
INL MIN
DNL MIN
Figure 11. Linearity Error vs. External VREF
5
6
7
8
9
10
11
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 12. Access Time vs. VDRIVE
4
5
6
7
8
9
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 13. Hold Time vs. VDRIVE


同様の部品番号 - AD7352YRUZ-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7352YRUZ-500RL7 AD-AD7352YRUZ-500RL7 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352YRUZ-500RL7 AD-AD7352YRUZ-500RL7 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
More results

同様の説明 - AD7352YRUZ-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com