データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7414ARTZ-2REEL7 データシート(PDF) 8 Page - Analog Devices

部品番号 AD7414ARTZ-2REEL7
部品情報  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-2REEL7 データシート(HTML) 8 Page - Analog Devices

Back Button AD7414ARTZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 9Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 10Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 11Page - Analog Devices AD7414ARTZ-2REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7414/AD7415
Rev. F | Page 8 of 20
VDD
VOUT+
VOUT
TO ADC
SENSING
TRANSISTOR
SENSING
TRANSISTOR
II
× N
Figure 7. Temperature Measurement Technique
Figure 7 shows the method the AD7414/AD7415 use to
measure the ambient device temperature. To measure ΔVBE,
the sensor (substrate transistor) is switched between operating
currents of I and N × I. The resulting waveform is passed
through a chopper stabilized amplifier that performs the
functions of amplification and rectification of the waveform to
produce a dc voltage proportional to ΔVBE. This voltage is
measured by the ADC to give a temperature output in 10-bit,
twos complement format.
TEMPERATURE DATA FORMAT
The temperature resolution of the ADC is 0.25°C, which
corresponds to 1 LSB of the ADC. The ADC can theoretically
measure a temperature span of 255°C; the lowest practical value
is limited to −40°C due to the device maximum ratings. The
A grade can measure a temperature range of −40°C to +125°C.
(Temperature data format is shown in Table 5.)
Table 5. A Grade Temperature Data Format
Temperature
Digital Output DB9…DB0
−55°C
11 0010 0100
−50°C
11 0011 1000
−25°C
11 1001 1100
−0.25°C
11 1111 1111
0°C
00 0000 0000
+0.25°C
00 0000 0001
+10°C
00 0010 1000
+25°C
00 0110 0100
+50°C
00 1100 1000
+75°C
01 0010 1100
+100°C
01 1001 0000
+125°C
01 1111 0100
The grade temperature conversion formula follows:
4
)
(d
Code
ADC
e
Temperatur
Positive
=
4
512
)
(
=
d
Code
ADC
e
Temperatur
Negative
Note that DB9 is removed from the ADC code in the negative
temperature formula.


同様の部品番号 - AD7414ARTZ-2REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

同様の説明 - AD7414ARTZ-2REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com