データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS10-10 データシート(PDF) 1 Page - Richco, Inc.

部品番号 SS10-10
部品情報  ROUND SPACERS SEIRIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHCO [Richco, Inc.]
ホームページ  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

SS10-10 データシート(HTML) 1 Page - Richco, Inc.

  SS10-10 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
--
--
SEE ENGINEERING FOR REV. A-E
F
07/02/04
SM
SEE ECN #816 FOR CHANGES
G
10/01/04
SM
SEE ECN #818 FOR CHANGES
H
01/14/05
SK
SEE ECN #914 FOR CHANGES
I
03/23/05
SK
SEE ECN #968 FOR CHANGES
J
07/10/07
SK
ECN #1337 FOR CHANGES
K
12/03/07
SK
SEE CO 200077 FOR CHANGES
LENGTH "L"
DATE
ENGR.
TYPE
A
C
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
FILE #:
1 OF 1
A
07/02/04
-
SS
SM
-
FINAL
DWG IN
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
(773) 539-4060
RE:
RICHCO, INC.
PRINT
SOLIDWORKS
CREATED USING
DESCRIPTION
ROUND SPACERS SERIES
TITLE:
ANG.=±1°
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
REV.
NOTES:
1. MATERIAL: PVC, RIGID (RMS-11).
2. COLOR: LIGHT GRAY.
*PARTS AVAILABLE BY SPECIAL ORDER
"A"
"B"
FOR #4 SCREW
FOR #6 SCREW
FOR #8 SCREW FOR #8 SCREW FOR #10 SCREW FOR 1/4 BOLT FOR 3/8 BOLT
1/4 [6.4]
SS4-2
SS6-2
SS8-2
SS8-2L
SS10-2
SS1/4-2
SS3/8-2
3/8 [9.5]
SS4-3
SS6-3
SS8-3
SS8-3L
SS10-3
-
SS3/8-3
1/2 [12.7]
SS4-4
SS6-4
SS8-4
SS8-4L
SS10-4
SS1/4-4
SS3/8-4
5/8 [15.9]
SS4-5
SS6-5
SS8-5
SS8-5L
SS10-5
-
-
3/4 [19.1]
SS4-6
SS6-6
SS8-6
SS8-6L
SS10-6
SS1/4-6
SS3/8-6
1 [25.4]
SS4-8
SS6-8
SS8-8
SS8-8L
SS10-8
SS1/4-8
SS3/8-8
1-1/4 [31.8]
SS4-10
SS6-10
SS8-10
SS8-10L
SS10-10
SS1/4-10
SS3/8-10
1-1/2 [38.1
SS4-12
SS6-12
SS8-12
SS8-12L
SS10-12
SS1/4-12
SS3/8-12
1-3/4 [44.5]
SS4-14
SS6-14
*SS8-14
*SS8-14L
*SS10-14
*SS1/4-14
*SS3/8-14
2 (50.8]
SS4-16
SS6-16
SS8-16
SS8-16L
SS10-16
SS1/4-16
SS3/8-16
2-1/4 [57.2]
-
-
*SS8-18
*SS8-18L
*SS10-18
*SS1/4-18
*SS3/8-18
2-1/2 [63.5]
-
-
*SS8-20
*SS8-20L
*SS10-20
*SS1/4-20
*SS3/8-20
2-3/4 [69.9]
-
-
*SS8-22
*SS8-22L
*SS10-22
*SS1/4-22
*SS3/8-22
3 [76.2]
-
-
*SS8-24
*SS8-24L
*SS10-24
*SS1/4-24
*SS3/8-24
(M-9)
"A"=.397±.010
[10.1±0.25]
"B"=1/2±.010
[12.7±0.25]
PART NO.
(M-2.5)
"A"=.120±.007
[3.0±0.18]
"B"=1/4±.007
[6.4±0.18]
LENGTH "L"
LENGTH
TOLERANCE
(M-3)
"A"=.147±.007
[3.7±0.18]
"B"=1/4±.007
[6.4±0.18]
(M-4)
"A"=.175±.007
[4.4±0.18]
"B"=1/4±.007
[6.4±0.18]
(M-4)
"A"=.175±.007
[4.4±0.18]
"B"=3/8±.007
[9.5±0.18]
"A"=.200±.010
[5.1±0.25]
"B"=3/8±.010
[9.5±0.25]
(M-6)
"A"=.266±.010
[6.8±0.25]
"B"=1/2±.010
[12.7±0.25]
±.015 [±0.38]
±.020 [±0.51]


同様の部品番号 - SS10-10

メーカー部品番号データシート部品情報
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
logo
3M Electronics
SS100 3M-SS100 Datasheet
318Kb / 2P
   ELASTOMERIC 3M??Smoke and Sound Sealant SS 100
logo
Transys Electronics
SS100 TRSYS-SS100 Datasheet
155Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS100 JGD-SS100 Datasheet
171Kb / 2P
   1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS100 FAIRCHILD-SS100 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
More results

同様の説明 - SS10-10

メーカー部品番号データシート部品情報
logo
RAF ELECTRONIC HARDWARE
M0506-25-AL RAF-M0506-25-AL Datasheet
46Kb / 1P
   4.5MM ROUND SPACERS
M0534-4-SS RAF-M0534-4-SS Datasheet
48Kb / 1P
   6MM ROUND SPACERS
M0535-3-SS RAF-M0535-3-SS Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0537-3-AL RAF-M0537-3-AL Datasheet
48Kb / 1P
   6MM ROUND SPACERS
M0503-3-AL RAF-M0503-3-AL Datasheet
48Kb / 1P
   4.5MM ROUND SPACERS
M0505-3-N RAF-M0505-3-N Datasheet
48Kb / 1P
   4.5MM ROUND SPACERS
M0602-5-N RAF-M0602-5-N Datasheet
47Kb / 1P
   8MM ROUND SPACERS
M0504-3-N RAF-M0504-3-N Datasheet
48Kb / 1P
   4.5MM ROUND SPACERS
M0533-3-N RAF-M0533-3-N Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0596-4-N RAF-M0596-4-N Datasheet
47Kb / 1P
   8MM ROUND SPACERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com