データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD590IH データシート(PDF) 6 Page - Intersil Corporation

部品番号 AD590IH
部品情報  2-Wire, Current Output Temperature Transducer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD590IH データシート(HTML) 6 Page - Intersil Corporation

Back Button AD590IH Datasheet HTML 2Page - Intersil Corporation AD590IH Datasheet HTML 3Page - Intersil Corporation AD590IH Datasheet HTML 4Page - Intersil Corporation AD590IH Datasheet HTML 5Page - Intersil Corporation AD590IH Datasheet HTML 6Page - Intersil Corporation AD590IH Datasheet HTML 7Page - Intersil Corporation AD590IH Datasheet HTML 8Page - Intersil Corporation AD590IH Datasheet HTML 9Page - Intersil Corporation AD590IH Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
12-8
Typical Applications
The sum of the AD590 currents appears across R, which is
chosen by the formula:
,
where n = the number of sensors. See Figure 8.
The AD590 produces a temperature-dependent voltage
across R (C is for filtering noise). Setting R2 produces a
scale-zero voltage. For the celsius scale, make R = 1k
and VZERO = 0.273V. For Fahrenheit, R = 1.8kΩ and
VZERO = 0.460V. See Figure 9.
Meter displays current output directly in degrees Kelvin.
using the AD590J, sensor output is within
±10 degrees over
the entire range. See Figure 10.
+
-
AD590
1k
+5V
VOUT = 1mV/
oK
FIGURE 6A.
423
298.2
218
TEMPERATURE
298.2oK
218oK
(-55oC)
(25oC)
(150oC)
423oK
FIGURE 6B.
FIGURE 6. SIMPLE CONNECTION. OUTPUT IS PROPORTIONAL
TO ABSOLUTE TEMPERATURE
+15V
10k
+
AD590 (AS MANY AS DESIRED)
-
VOUT (MIN)
+
-
+
-
0.1%
FIGURE 7. LOWEST TEMPERATURE SENSING SCHEME.
AVAILABLE CURRENT IS THAT OF THE
“COLDEST” SENSOR
+15V
+
-
+
-
+
-
(ADDITIONAL SENSORS)
333.3
VOUT (AVG) = (R) Σ i
0.1%
n
(FOR 3 SENSORS)
FIGURE 8. AVERAGE TEMPERATURE SENSING SCHEME
R
10k
n
---------------
=
+15V
R
+
AD590
-
C
3
2
4
1
7
R1
RB
R2
R3
LM311
ICL8069
1.23V
VZERO
HEATER
ELEMENT
0.1%
FIGURE 9. SINGLE SETPOINT TEMPERATURE CONTROLLER
+
-
AD590
4V < VBATT
+
-
M
<30V
500
µA
FIGURE 10. SIMPLEST THERMOMETER
AD590


同様の部品番号 - AD590IH

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
AD590 INTERSIL-AD590 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Analog Devices
AD590 AD-AD590 Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

同様の説明 - AD590IH

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
AD590 RENESAS-AD590 Datasheet
631Kb / 10P
   2-Wire, Current Output Temperature Transducer
January 2002
logo
Intersil Corporation
AD590 INTERSIL-AD590_02 Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
logo
Analog Devices
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com