データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ5352B データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SMBJ5352B
部品情報  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ5352B データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SMBJ5352B Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ5352B Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ5352B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMBJ5333B thru SMBJ5363B
Document Number: SMBJ5333B thru SMBJ5363B
www.smsemi.com
Feb.29, 2012
3
Characteristic Curve
Fig.1 Power Derating Curve
Fig.2 Capacitance vs. Voltage for
Representative Types
0.1
1.0
10
100
VR – Reverse Voltage (V)
5.0
4.0
3.0
2.0
1.0
0
TL
TA
10
4
10
3
10
2
10
0
50
100
150
200
Lead or Ambient Temperature (℃)
1N5335B
1N5338B
1N5342B
1N5344B
0.1
1.0
10
100
VR – Reverse Voltage (V)
10
4
10
3
10
2
10
0.1
Fig.3 Capacitance vs. Voltage for
Representative Types
1N5350B
1N5357B
打印无效


同様の部品番号 - SMBJ5352B

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMBJ5352B MCC-SMBJ5352B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
SMBJ5352B MCC-SMBJ5352B Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
Microsemi Corporation
SMBJ5352B MICROSEMI-SMBJ5352B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5352B TGS-SMBJ5352B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5352B SYNSEMI-SMBJ5352B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

同様の説明 - SMBJ5352B

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com