データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ6048A データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SMCJ6048A
部品情報  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SMCJ6048A データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SMCJ6048A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMCJ6048A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMCJ6048A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMCJ6048A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMCJ6036 thru SMCJ6072A
Document Number: SMCJ6036 thru SMCJ6072A
www.smsemi.com
Feb.29,2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of VBR
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR) %/℃
SMCJ6062
SMCJ6062A
SMCJ6063
SMCJ6063A
81.9
86.5
90.0
95.0
100.0
95.5
110.0
105.0
1
1
1
1
73.0
75.0
81.0
82.0
5
5
5
5
11.4
12.0
10.4
11.0
131.0
125.0
144.0
137.0
.106
.106
.106
.106
SMCJ6064
SMCJ6064A
SMCJ6065
SMCJ6065A
99.0
105.0
108.0
114.0
121.0
116.0
132.0
126.0
1
1
1
1
90.0
94.0
95.0
100.0
5
5
5
5
9.5
9.9
8.5
8.9
158.0
152.0
176.0
168.0
.107
.107
.107
.107
SMCJ6066
SMCJ6066A
SMCJ6067
SMCJ6067A
117.0
124.0
135.0
143.0
143.0
137.0
165.0
158.0
1
1
1
1
105.0
110.0
121.0
128.0
5
5
5
5
7.8
8.2
6.7
7.0
191.0
182.0
223.0
213.0
.107
.107
.108
.108
SMCJ6068
SMCJ6068A
SMCJ6069
SMCJ6069A
153.0
162.0
162.0
171.0
187.0
179.0
198.0
189.0
1
1
1
1
137.0
145.0
145.0
150.0
5
5
5
5
5.8
6.1
5.5
5.7
258.0
245.0
274.0
261.0
.108
.108
.108
.108
SMCJ6070
SMCJ6070A
SMCJ6071
SMCJ6071A
171.0
181.0
180.0
190.0
210.0
200.0
220.0
210.0
1
1
1
1
155.0
160.0
165.0
170.0
5
5
5
5
5.1
5.4
4.9
5.1
292.0
278.0
308.0
294.0
.108
.108
.108
.108
SMCJ6072
SMCJ6072A
198.0
209.0
242.0
231.0
1
1
175.0
185.0
5
5
4.3
4.6
344.0
328.0
.108
.108
1. TVS are normally selected according to the rated
“Stand Off Voltage” (VWM) which should be equal to or greater than the dc or
continuous peak operating voltage level.
2. V(BR) is measured after I(BR) has been applied for ≤ 300ms. No suffix is 10% tolerance and suffix A is 5% tolerance for V(BR).
打印无效


同様の部品番号 - SMCJ6048A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
SMCJ6048A MICROSEMI-SMCJ6048A Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results

同様の説明 - SMCJ6048A

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com