データシートサーチシステム |
|
SMCJ6058A データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
SMCJ6058A データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page SMCJ6036 thru SMCJ6072A Document Number: SMCJ6036 thru SMCJ6072A www.smsemi.com Feb.29,2012 3 Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1 Microsemi Part Number Breakdown Voltage VBR @ IBR Rated Stand Off Voltage Maximum Standby current ID @ VWM Maximum Peak Pulse Current Maximum Clamping Voltage VC @ IPP Maximum Temperature Coefficient of VBR MIN MAX VBR(V) IBR(mA) VWM(V) ID(µA) IPP (A) VC(V) α v(BR) %/℃ SMCJ6062 SMCJ6062A SMCJ6063 SMCJ6063A 81.9 86.5 90.0 95.0 100.0 95.5 110.0 105.0 1 1 1 1 73.0 75.0 81.0 82.0 5 5 5 5 11.4 12.0 10.4 11.0 131.0 125.0 144.0 137.0 .106 .106 .106 .106 SMCJ6064 SMCJ6064A SMCJ6065 SMCJ6065A 99.0 105.0 108.0 114.0 121.0 116.0 132.0 126.0 1 1 1 1 90.0 94.0 95.0 100.0 5 5 5 5 9.5 9.9 8.5 8.9 158.0 152.0 176.0 168.0 .107 .107 .107 .107 SMCJ6066 SMCJ6066A SMCJ6067 SMCJ6067A 117.0 124.0 135.0 143.0 143.0 137.0 165.0 158.0 1 1 1 1 105.0 110.0 121.0 128.0 5 5 5 5 7.8 8.2 6.7 7.0 191.0 182.0 223.0 213.0 .107 .107 .108 .108 SMCJ6068 SMCJ6068A SMCJ6069 SMCJ6069A 153.0 162.0 162.0 171.0 187.0 179.0 198.0 189.0 1 1 1 1 137.0 145.0 145.0 150.0 5 5 5 5 5.8 6.1 5.5 5.7 258.0 245.0 274.0 261.0 .108 .108 .108 .108 SMCJ6070 SMCJ6070A SMCJ6071 SMCJ6071A 171.0 181.0 180.0 190.0 210.0 200.0 220.0 210.0 1 1 1 1 155.0 160.0 165.0 170.0 5 5 5 5 5.1 5.4 4.9 5.1 292.0 278.0 308.0 294.0 .108 .108 .108 .108 SMCJ6072 SMCJ6072A 198.0 209.0 242.0 231.0 1 1 175.0 185.0 5 5 4.3 4.6 344.0 328.0 .108 .108 1. TVS are normally selected according to the rated “Stand Off Voltage” (VWM) which should be equal to or greater than the dc or continuous peak operating voltage level. 2. V(BR) is measured after I(BR) has been applied for ≤ 300ms. No suffix is 10% tolerance and suffix A is 5% tolerance for V(BR). 打印无效 |
同様の部品番号 - SMCJ6058A |
|
同様の説明 - SMCJ6058A |