データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0804LCN データシート(PDF) 10 Page - Intersil Corporation

部品番号 ADC0804LCN
部品情報  8-Bit, Microprocessor- Compatible, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804LCN データシート(HTML) 10 Page - Intersil Corporation

Back Button ADC0804LCN Datasheet HTML 6Page - Intersil Corporation ADC0804LCN Datasheet HTML 7Page - Intersil Corporation ADC0804LCN Datasheet HTML 8Page - Intersil Corporation ADC0804LCN Datasheet HTML 9Page - Intersil Corporation ADC0804LCN Datasheet HTML 10Page - Intersil Corporation ADC0804LCN Datasheet HTML 11Page - Intersil Corporation ADC0804LCN Datasheet HTML 12Page - Intersil Corporation ADC0804LCN Datasheet HTML 13Page - Intersil Corporation ADC0804LCN Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6-14
Input Source Resistance
Large values of source resistance where an input bypass
capacitor is not used will not cause errors since the input
currents settle out prior to the comparison time. If a low-
pass filter is required in the system, use a low-value series
resistor (
≤1kΩ) for a passive RC section or add an op amp
RC
active
low-pass
filter.
For
low-source-resistance
applications (
≤1kΩ), a 0.1µF bypass capacitor at the inputs
will minimize EMI due to the series lead inductance of a long
wire. A 100
Ω series resistor can be used to isolate this
capacitor (both the R and C are placed outside the feedback
loop) from the output of an op amp, if used.
Stray Pickup
The leads to the analog inputs (pins 6 and 7) should be kept
as short as possible to minimize stray signal pickup (EMI).
Both EMI and undesired digital-clock coupling to these inputs
can cause system errors. The source resistance for these
inputs should, in general, be kept below 5k
Ω. Larger values of
source resistance can cause undesired signal pickup. Input
bypass capacitors, placed from the analog inputs to ground,
will eliminate this pickup but can create analog scale errors as
these capacitors will average the transient input switching cur-
rents of the A/D (see Analog Input Current). This scale error
depends on both a large source resistance and the use of an
input bypass capacitor. This error can be compensated by a
full scale adjustment of the A/D (see Full Scale Adjustment)
with the source resistance and input bypass capacitor in
place, and the desired conversion rate.
Reference Voltage Span Adjust
For maximum application flexibility, these A/Ds have been
designed to accommodate a 5V, 2.5V or an adjusted voltage
reference. This has been achieved in the design of the IC as
shown in Figure 12.
Notice that the reference voltage for the IC is either 1/2 of the
voltage which is applied to the V+ supply pin, or is equal to
the voltage which is externally forced at the VREF/2 pin. This
allows for a pseudo-ratiometric voltage reference using, for
the V+ supply, a 5V reference voltage. Alternatively, a volt-
age less than 2.5V can be applied to the VREF/2 input. The
internal gain to the VREF/2 input is 2 to allow this factor of 2
reduction in the reference voltage.
Such an adjusted reference voltage can accommodate a
reduced span or dynamic voltage range of the analog input
voltage. If the analog input voltage were to range from 0.5V to
3.5V, instead of 0V to 5V, the span would be 3V. With 0.5V
applied to the VlN(-) pin to absorb the offset, the reference
voltage can be made equal to 1/2 of the 3V span or 1.5V. The
A/D now will encode the VlN(+) signal from 0.5V to 3.5V with
the 0.5V input corresponding to zero and the 3.5V input corre-
sponding to full scale. The full 8 bits of resolution are therefore
applied over this reduced analog input voltage range. The req-
uisite connections are shown in Figure 13. For expanded
scale inputs, the circuits of Figures 14 and 15 can be used.
FIGURE 12. THE VREFERENCE DESIGN ON THE IC
FIGURE 13. OFFSETTING THE ZERO OF THE ADC0802 AND
PERFORMING AN INPUT RANGE (SPAN)
ADJUSTMENT
FIGURE 14. HANDLING
±10V ANALOG INPUT RANGE
V+
DGND
VREF/2
AGND
(VREF)
R
R
DIGITAL
CIRCUITS
ANALOG
CIRCUITS
9
810
20
DECODE
300
TO VREF/2
TO VIN(-)
ZERO SHIFT VOLTAGE
0.1
µF
5V
-
+
VREF
(5V)
FS
ADJ.
“SPAN”/2
ICL7611
VIN(-)
2R
5V
2R
VIN ± 10V
R
VIN(+)
(VREF)
V+
20
10
µF
6
7
+
ADC0802-
ADC0804
ADC0802, ADC0803, ADC0804


同様の部品番号 - ADC0804LCN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC0804LCN NSC-ADC0804LCN Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0804LCN INTERSIL-ADC0804LCN Datasheet
580Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
NXP Semiconductors
ADC0804LCN PHILIPS-ADC0804LCN Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
National Semiconductor ...
ADC0804LCN NSC-ADC0804LCN Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0804LCN TI-ADC0804LCN Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
More results

同様の説明 - ADC0804LCN

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
logo
Analog Devices
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
   8 BIT UP COMPATIBLE A/D CONVERTERS
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com