データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3020 データシート(PDF) 6 Page - Intersil Corporation

部品番号 CA3020
部品情報  8MHz Power Amps For Military, Industrial and Commercial Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3020 データシート(HTML) 6 Page - Intersil Corporation

  CA3020 Datasheet HTML 1Page - Intersil Corporation CA3020 Datasheet HTML 2Page - Intersil Corporation CA3020 Datasheet HTML 3Page - Intersil Corporation CA3020 Datasheet HTML 4Page - Intersil Corporation CA3020 Datasheet HTML 5Page - Intersil Corporation CA3020 Datasheet HTML 6Page - Intersil Corporation CA3020 Datasheet HTML 7Page - Intersil Corporation CA3020 Datasheet HTML 8Page - Intersil Corporation CA3020 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3-6
FIGURE 6C. OUTPUT AMPLIFIER CHARACTERISTICS OF ICC2 CURRENT vs AMBIENT TEMPERATURE
FIGURE 6. ZERO SIGNAL AMPLIFIER CURRENT vs AMBIENT TEMPERATURE
FIGURE 7. STATIC CURRENT AND VOLTAGE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
15
10
5
0
S CLOSED
-50
TEMPERATURE (oC)
0
50
100
150
VCC1 = 9V
S CLOSED
VCC1 = 6V
VCC1 = 9V
VCC1 = 3V
S CLOSED
S OPEN
8
9
11
4
2
12
5
7
1
10
3
VCC2
CA3020
CA3020A
6
V2
V3
I4
I7
V11
ICC1
VCC1
ICC2
10K
S1
S2
10K
CURRENTS OR
VOLTAGES
S1
S2
CURRENTS OR
VOLTAGES
S1
S2
I4 -IDLE
OPEN
OPEN
ICC1
OPEN
OPEN
I7 -IDLE
OPEN
OPEN
ICC2
OPEN
OPEN
I4 -PEAK
OPEN
CLOSE
V2
OPEN
OPEN
I7 -PEAK
CLOSE
OPEN
V3
OPEN
OPEN
I4 -CUTOFF
CLOSE
OPEN
V11
OPEN
OPEN
I7 -CUTOFF
OPEN
CLOSE
CA3020, CA3020A


同様の部品番号 - CA3020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3020 INTERSIL-CA3020 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020A INTERSIL-CA3020A Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
More results

同様の説明 - CA3020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com