データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7651 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7651
部品情報  16-Bit 100 kSPS PulSART Unipolar ADC with Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7651 データシート(HTML) 9 Page - Analog Devices

Back Button AD7651_15 Datasheet HTML 5Page - Analog Devices AD7651_15 Datasheet HTML 6Page - Analog Devices AD7651_15 Datasheet HTML 7Page - Analog Devices AD7651_15 Datasheet HTML 8Page - Analog Devices AD7651_15 Datasheet HTML 9Page - Analog Devices AD7651_15 Datasheet HTML 10Page - Analog Devices AD7651_15 Datasheet HTML 11Page - Analog Devices AD7651_15 Datasheet HTML 12Page - Analog Devices AD7651_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7651
Pin No.
Mnemonic
Type1
Description
16
D7 or
RDC/SDIN
DI/O
When SER/PAR is LOW, this output is used as Bit 7 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used as either an external data input or a
read mode selection input depending on the state of EXT/INT.
When EXT/INT is HIGH, RDC/SDIN could be used as a data input to daisy-chain the conversion results
from two or more ADCs onto a single SDOUT line. The digital data level on SDIN is output on DATA
with a delay of 16 SCLK periods after the initiation of the read sequence.
When EXT/INT is LOW, RDC/SDIN is used to select the read mode. When RDC/SDIN is HIGH, the data
is output on SDOUT during conversion. When RDC/SDIN is LOW, the data can be output on SDOUT
only when the conversion is complete.
17
OGND
P
Input/Output Interface Digital Power Ground.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (5 V or 3 V).
19
DVDD
P
Digital Power. Nominally at 5 V.
20
DGND
P
Digital Power Ground.
21
D8 or
SDOUT
DO
When SER/PAR is LOW, this output is used as Bit 8 of the parallel port data output bus.
When SER/PAR is HIGH, this output, part of the serial port, is used as a serial data output
synchronized to SCLK. Conversion results are stored in an on-chip register. The AD7651 provides the
conversion result, MSB first, from its internal shift register. The DATA format is determined by the
logic level of OB/2C. In serial mode when EXT/INT is LOW, SDOUT is valid on both edges of SCLK. In
serial mode when EXT/INT is HIGH, if INVSCLK is LOW, SDOUT is updated on the SCLK rising edge and
valid on the next falling edge; if INVSCLK is HIGH, SDOUT is updated on the SCLK falling edge and
valid on the next rising edge.
22
D9 or
SCLK
DI/O
When SER/PAR is LOW, this output is used as Bit 9 of the parallel port data or SCLK output bus.
When SER/PAR is HIGH, this pin, part of the serial port, is used as a serial data clock input or output,
depending upon the logic state of the EXT/INT pin. The active edge where the data SDOUT is
updated depends upon the logic state of the INVSCLK pin.
23
D10 or
SYNC
DO
When SER/PAR is LOW, this output is used as Bit 10 of the parallel port data output bus.
When SER/PAR is HIGH, this output, part of the serial port, is used as a digital output frame
synchronization for use with the internal data clock (EXT/INT = logic LOW). When a read sequence is
initiated and INVSYNC is LOW, SYNC is driven HIGH and remains HIGH while the SDOUT output is
valid. When a read sequence is initiated and INVSYNC is HIGH, SYNC is driven LOW and remains LOW
while the SDOUT output is valid.
24
D11 or
RDERROR
DO
When SER/PAR is LOW, this output is used as Bit 11 of the parallel port data output bus. When
SER/PAR and EXT/INT are HIGH, this output, part of the serial port, is used as an incomplete read error
flag. In slave mode, when a data read is started and not complete when the following conversion is
complete, the current data is lost and RDERROR is pulsed HIGH.
25–28
D[12:15]
DO
Bit 12 to Bit 15 of the Parallel Port Data Output Bus. These pins are always outputs regardless of the
state of SER/PAR.
29
BUSY
DO
Busy Output. Transitions HIGH when a conversion is started and remains HIGH until the conversion is
complete and the data is latched into the on-chip shift register. The falling edge of BUSY could be
used as a data ready clock signal.
30
DGND
P
Must Be Tied to Digital Ground.
31
RD
DI
Read Data. When CS and RD are both LOW, the interface parallel or serial output bus is enabled.
32
CS
DI
Chip Select. When CS and RD are both LOW, the interface parallel or serial output bus is enabled. CS
is also used to gate the external clock.
33
RESET
DI
Reset Input. When set to a logic HIGH, this pin resets the AD7651 and the current conversion, if any,
is aborted. If not used, this pin could be tied to DGND.
34
PD
DI
Power-Down Input. When set to a logic HIGH, power consumption is reduced and conversions are
inhibited after the current one is completed.
35
CNVST
DI
Start Conversion. If CNVST is HIGH when the acquisition phase (t8) is complete, the next falling edge
on CNVST puts the internal sample/hold into the hold state and initiates a conversion. The mode is
most appropriate if low sampling jitter is desired. If CNVST is LOW when the acquisition phase (t8) is
complete, the internal sample/hold is put into the hold state and a conversion is immediately
started.
37
REF
AI/O
Reference Input Voltage. On-chip reference output voltage.
38
REFGND
AI
Reference Input Analog Ground.
39
INGND
AI
Analog Input Ground.
Rev. 0 | Page 9 of 28


同様の部品番号 - AD7651_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
More results

同様の説明 - AD7651_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7652ASTZ AD-AD7652ASTZ Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7666 AD-AD7666 Datasheet
560Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Analog Devices
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com