データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3078 データシート(PDF) 5 Page - Intersil Corporation

部品番号 CA3078
部品情報  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078 データシート(HTML) 5 Page - Intersil Corporation

  CA3078 Datasheet HTML 1Page - Intersil Corporation CA3078 Datasheet HTML 2Page - Intersil Corporation CA3078 Datasheet HTML 3Page - Intersil Corporation CA3078 Datasheet HTML 4Page - Intersil Corporation CA3078 Datasheet HTML 5Page - Intersil Corporation CA3078 Datasheet HTML 6Page - Intersil Corporation CA3078 Datasheet HTML 7Page - Intersil Corporation CA3078 Datasheet HTML 8Page - Intersil Corporation CA3078 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Application Information
Compensation Techniques
The CA3078A and CA3078 can be phase compensated with
one or two external components depending upon the closed
loop gain, power consumption, and speed desired. The
recommended compensation is a resistor in series with a
capacitor connected from Terminal 1 to Terminal 8. Values of
the resistor and capacitor required for compensation as a
function of closed loop gain are shown in Figures 25 and 26.
These curves represent the compensation necessary at
quiescent currents of 100
µA and 20µA, respectively, for a
transient response with 10% overshoot. Figures 23 and 24
show the slew rates that can be obtained with the two different
compensation techniques. Higher speeds can be achieved
with input compensation, but this increases noise output.
Compensation can also be accomplished with a single
capacitor connected from Terminal 1 to Terminal 8, with speed
being sacrificed for simplicity. Table 1 gives an indication of
slew rates that can be obtained with various compensation
techniques at quiescent currents of 100
µA and 20µA.
Single Supply Operation
The CA3078A and CA3078 can operate from a single supply
with a minimum total supply voltage of 1.5V. Figures 4 and 5
show the CA3078A or CA3078 in inverting and non-inverting
20dB amplifier configurations utilizing a 1.5V type “AA” cell
for a supply. The total consumption for either circuit is
approximately 675nW. The output voltage swing in this
configuration is 300mVP-P with a 20kΩ load.
TABLE 1. UNITY GAIN SLEW RATE vs COMPENSATION - CA3078 AND CA3078A
VSUPPLY = ±6V, Output Voltage (VO)= ±5V, Load Resistance (RL) = 10kΩ, Transient Response: 10% overshoot for an output voltage of 100mV,
Ambient Temperature (TA) = 25
oC
COMPENSATION
TECHNIQUE
UNITY GAIN (INVERTING)
FIGURE 1
UNITY GAIN (NON-INVERTING)
FIGURE 2
R1
C1
R2
C2
SLEW RATE
R1
C1
R2
C2
SLEW RATE
k
pF
k
ΩµFV/µskΩ
pF
k
ΩµFV/µs
CA3078 - IQ = 100µA
Single Capacitor
0
750
0
0.0085
0
1500
0
0.0095
Resistor and Capacitor
3.5
350
0
0.04
5.3
500
0
0.024
Input
0
0.25
0.306
0.67
0
0.311
0.45
0.67
CA3078A - IQ = 20µA
Single Capacitor
0
300
0
0.0095
0
800
0
0.003
Resistor and Capacitor
14
100
0
0.027
34
125
0
0.02
Input
0
0.644
0.156
0.29
0
0.77
0.4
0.4
Typical Performance Curves
FIGURE 6. INPUT OFFSET VOLTAGE vs TOTAL QUIESCENT
CURRENT
FIGURE 7. INPUT OFFSET CURRENT vs TOTAL QUIESCENT
CURRENT
1
10
100
TOTAL QUIESCENT CURRENT
(µA)
3.0
2.4
1.8
1.2
0.6
0
1000
VS = ±6
TA = 25
oC
RS ≤ 10kΩ
CA3078A
CA3078
CA3078A
CA3078
1
10
1000
TOTAL QUIESCENT CURRENT
(µA)
0.01
10000
TA = 25
oC
100
0.1
1
10
VS = ±6
CA3078, CA3078A


同様の部品番号 - CA3078

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3078 INTERSIL-CA3078 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
Intersil Corporation
CA3078A INTERSIL-CA3078A Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3078AE INTERSIL-CA3078AE Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078AE ROCHESTER-CA3078AE Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

同様の説明 - CA3078

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com