データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM339N データシート(PDF) 1 Page - Intersil Corporation

部品番号 LM339N
部品情報  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM339N データシート(HTML) 1 Page - Intersil Corporation

  LM339N Datasheet HTML 1Page - Intersil Corporation LM339N Datasheet HTML 2Page - Intersil Corporation LM339N Datasheet HTML 3Page - Intersil Corporation LM339N Datasheet HTML 4Page - Intersil Corporation LM339N Datasheet HTML 5Page - Intersil Corporation LM339N Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
795.6
CA139, CA139A, CA239, CA339,
LM339, LM2901, LM3302
Quad Voltage Comparators for Industrial,
Commercial and Military Applications
The devices in this series consist of four independent single
or dual supply voltage comparators on a single monolithic
substrate. The common mode input voltage range includes
ground even when operated from a single supply, and the
low power supply current drain makes these comparators
suitable for battery operation. These types were designed to
directly interface with TTL and CMOS.
Type CA139A, has a lower input offset voltage than the
CA139. Some of the SOIC parts are available on tape and
reel (see Ordering Information table). Replace the M suffix in
the part number with M96 when ordering (e.g.,
CA0239M96).
Pinout
CA139A (SOIC)
CA139, CA339, LM3302 (PDIP, SOIC)
CA239, LM2901, LM339 (PDIP)
TOP VIEW
Features
• Operation from Single or Dual Supplies
• Common Mode Input Voltage Range to GND
• Output Voltage Compatible with TTL, DTL, ECL,
MOS and CMOS
• Differential Input Voltage Range Equal to the
Supply Voltage
• Maximum Input Offset Voltage (VIO)
- CA139A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2mV
- CA139, CA239, CA339. . . . . . . . . . . . . . . . . . . . . . 5mV
- LM2901. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7mV
- LM3302. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mV
• Replacement for Industry Types 139, 239, 339, 139A,
2901, 3302
Applications
• Square Wave Generator
• Time Delay Generators
• Pulse Generators
• Multivibrators
• High Voltage Digital Logic Gates
• A/D Converters
• MOS Clock Timers
Schematic Diagram
Ordering Information
PART NO. (BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA0139E
-55 to 125
14 Ld PDIP
E14.3
CA0139M, AM (139, 139A)
-55 to 125
14 Ld SOIC
M14.15
CA0239E
-25 to 85
14 Ld PDIP
E14.3
CA0239M96 (239)
-25 to 85
14 Ld SOIC
M14.15
CA0339E
0 to 70
14 Ld PDIP
E14.3
CA0339M (339)
0 to 70
14 Ld SOIC
M14.15
LM339N
0 to 70
14 Ld PDIP
E14.3
LM2901N
-40 to 85
14 Ld PDIP
E14.3
LM3302M96 (3302)
-40 to 85
14 Ld SOIC
M14.15
LM3302N
-40 to 85
14 Ld PDIP
E14.3
OUTPUT 2
OUTPUT 1
V+
NEG. INPUT 1
POS. INPUT 1
NEG. INPUT 2
POS. INPUT 2
OUTPUT 3
OUTPUT 4
GND
POS. INPUT 4
NEG. INPUT 4
POS. INPUT 3
NEG. INPUT 3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
4
2
3
5
+ INPUT
3
4
- INPUT
V+
12
Q5
Q6
Q4
Q3
Q2
Q1
13
11
10
2
Q7
Q8
OUTPUT
TO 2, 3, 4
TO 2, 3, 4
4
+
-
2
+
-
1
7
6
3
+
-
9
8
14
COMPARATOR NO 1
3.5
µA
100
µA
3.5
µA
100
µA
Data Sheet
October 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


同様の部品番号 - LM339N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM339N MOTOROLA-LM339N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
HTC Korea TAEJIN Techno...
LM339N HTC-LM339N Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
Texas Instruments
LM339N TI-LM339N Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
logo
National Semiconductor ...
LM339N NSC-LM339N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM339N TI-LM339N Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

同様の説明 - LM339N

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com