データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA158A データシート(PDF) 5 Page - Intersil Corporation

部品番号 CA158A
部品情報  Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA158A データシート(HTML) 5 Page - Intersil Corporation

  CA158A Datasheet HTML 1Page - Intersil Corporation CA158A Datasheet HTML 2Page - Intersil Corporation CA158A Datasheet HTML 3Page - Intersil Corporation CA158A Datasheet HTML 4Page - Intersil Corporation CA158A Datasheet HTML 5Page - Intersil Corporation CA158A Datasheet HTML 6Page - Intersil Corporation CA158A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Typical Performance Curves
FIGURE 1. INPUT VOLTAGE RANGE vs SUPPLY VOLTAGE
FIGURE 2. INPUT CURRENT vs AMBIENT TEMPERATURE
FIGURE 3. SUPPLY CURRENT DRAIN vs SUPPLY VOLTAGE
FIGURE 4. COMMON MODE REJECTION RATIO vs INPUT
FREQUENCY
FIGURE 5. VOLTAGE GAIN vs SUPPLY VOLTAGE
FIGURE 6. OPEN-LOOP FREQUENCY RESPONSE
5
10
15
0
5
10
15
20
SUPPLY VOLTAGE (V)
POSITIVE
NEGATIVE
TEMPERATURE (oC)
-75
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
VICR = 0V
V+ = 30V
15V
5V
4
3
2
1
0
5
10
15
20
25
30
POSITIVE SUPPLY VOLTAGE (V)
TA = 0
oC TO 125oC
-55oC
ID
V+
mA
-
+
120
100
80
60
40
20
0
100
1K
10K
100K
1M
INPUT FREQUENCY (Hz)
+7.5VDC
100K
100
100
100K
-7.5VDC
VO
VIN
+
-
+
POSITIVE SUPPLY VOLTAGE (V)
0
10203040
0
25
50
75
100
125
150
2k
TA = 25
oC
RL = 20kΩ
140
120
100
80
60
40
20
0
1
10
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
TA = -40 ≤ TA ≤ 85
oC
V+ = 26V
V+ = 10 TO 15V
10M
V+
VO
V+ / 2
VI
0.1
µF
-
+
CA158, CA158A, CA258, CA258A, CA358, CA358A, CA2904, LM358, LM2904


同様の部品番号 - CA158A

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA158A HARRIS-CA158A Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158A INTERSIL-CA158A Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results

同様の説明 - CA158A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com