データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3096A データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA3096A
部品情報  NPN/PNP Transistor Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096A データシート(HTML) 4 Page - Intersil Corporation

  CA3096A Datasheet HTML 1Page - Intersil Corporation CA3096A Datasheet HTML 2Page - Intersil Corporation CA3096A Datasheet HTML 3Page - Intersil Corporation CA3096A Datasheet HTML 4Page - Intersil Corporation CA3096A Datasheet HTML 5Page - Intersil Corporation CA3096A Datasheet HTML 6Page - Intersil Corporation CA3096A Datasheet HTML 7Page - Intersil Corporation CA3096A Datasheet HTML 8Page - Intersil Corporation CA3096A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Electrical Specifications
Typical Values Intended Only for Design Guidance At TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
VALUES
UNITS
DYNAMIC CHARACTERISTICS FOR EACH NPN TRANSISTOR
Noise Figure (Low Frequency)
NF
f = 1kHz, VCE = 5V, IC = 1mA, RS = 1kΩ
2.2
dB
Low-Frequency, Input Resistance
RI
f = 1.0kHz, VCE = 5V IC = 1 mA
10
k
Low-Frequency Output Resistance
RO
f = 1.0kHz, VCE = 5V IC = 1 mA
80
k
Admittance Characteristics
Forward Transfer Admittance
yFE
gFE
f = 1MHz, VCE = 5V, IC = 1mA
7.5
mS
bFE
f = 1MHz, VCE = 5V, IC = 1mA
-j13
mS
Input Admittance
yIE
gIE
f = 1MHz, VCE = 5V, IC = 1mA
2.2
mS
bIE
f = 1MHz, VCE = 5V, IC = 1mA
j3.1
mS
Output Admittance
yOE
gOE
f = 1MHz, VCE = 5V, IC = 1mA
0.76
mS
bOE
f = 1MHz, VCE = 5V, IC = 1mA
j2.4
mS
Gain-Bandwidth Product
fT
VCE = 5V, IC = 1.0mA
280
MHz
VCE = 5V, IC = 5mA
335
MHz
Emitter-To-Base Capacitance
CEB
VEB = 3V
0.75
pF
Collector-To-Base Capacitance
CCB
VCB = 3V
0.46
pF
Collector-To-Substrate Capacitance
CCI
VCI = 3V
3.2
pF
DYNAMIC CHARACTERISTICS FOR EACH PNP TRANSISTOR
Noise Figure (Low Frequency)
NF
f = 1kHz, IC = 100µA, RS = 1kΩ
3dB
Low-Frequency Input Resistance
RI
f = 1kHz, VCE = 5V, IC = 100µA27
k
Low-Frequency Output Resistance
RO
f = 1kHz, VCE = 5V, IC = 100µA
680
k
Gain-Bandwidth Product
fT
VCE = 5V, IC = 100µA
6.8
MHz
Emitter-To-Base Capacitance
CEB
VEB = -3V
0.85
pF
Collector-To-Base Capacitance
CCB
VCB = -3V
2.25
pF
Base-To-Substrate Capacitance
CBI
VBI = 3V
3.05
pF
Typical Applications
FIGURE 1. FREQUENCY COMPARATOR USING CA3096
FIGURE 2. FREQUENCY COMPARATOR CHARACTERISTICS
2
4
3
6
1
5
15
10
12
9
7
14
8
13
11
16
(SUBSTRATE)
1
µF
3k
3k
500
500
1k
1k
0.1
µF
0.1
µF
44003
Q4
Q5
OUTPUT
Q2
f1
f2
V+ = 10V
NOTE: F1 OR F2 < 10kHz
9
8
7
6
5
4
3
2
1
0
-20
-10
0
10
20
f2 - f1 > 0
f1 = f2
f1 - f2 > 0
FREQUENCY DEVIATION (kHz)
CENTER FREQUENCY: 1kHz
CA3096, CA3096A, CA3096C


同様の部品番号 - CA3096A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3096A INTERSIL-CA3096A Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096AE INTERSIL-CA3096AE Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096AM INTERSIL-CA3096AM Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096AM96 INTERSIL-CA3096AM96 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
More results

同様の説明 - CA3096A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com