データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3098E データシート(PDF) 8 Page - Intersil Corporation

部品番号 CA3098E
部品情報  Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3098E データシート(HTML) 8 Page - Intersil Corporation

Back Button CA3098E Datasheet HTML 4Page - Intersil Corporation CA3098E Datasheet HTML 5Page - Intersil Corporation CA3098E Datasheet HTML 6Page - Intersil Corporation CA3098E Datasheet HTML 7Page - Intersil Corporation CA3098E Datasheet HTML 8Page - Intersil Corporation CA3098E Datasheet HTML 9Page - Intersil Corporation CA3098E Datasheet HTML 10Page - Intersil Corporation CA3098E Datasheet HTML 11Page - Intersil Corporation CA3098E Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 17. STORAGE TIME vs SUPPLY VOLTAGE
FIGURE 18. OUTPUT FALL TIME vs SUPPLY VOLTAGE
FIGURE 19. OUTPUT RISE TIME vs SUPPLY VOLTAGE
FIGURE 20. OUTPUT RISE TIME vs AMBIENT TEMPERATURE
FIGURE 21. OUTPUT FALL TIME vs AMBIENT TEMPERATURE
FIGURE 22. STORAGE TIME vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
TA = 25
oC
IBIAS = 100µA
VLR = VHR = VREG = V+/2
510
15
POSITIVE SUPPLY VOLTAGE (V)
7000
6500
TA = 25
oC
IBIAS = 100µA
VLR = VHR = VREG = V+/2
510
15
POSITIVE SUPPLY VOLTAGE (V)
40
35
30
TA = 25
oC
IBIAS = 100µA
VLR = VHR = VREG = V+/2
4000
3000
2000
510
15
POSITIVE SUPPLY VOLTAGE (V)
2500
2400
2300
2200
2600
SUPPLY VOLTAGE = 5V
IBIAS = 100µA
VLR = VHR = VREG = 2.5V
2100
2000
1900
1800
1700
-40
-20
0
20406080
TEMPERATURE (oC)
-40
-20
0
20406080
TEMPERATURE (oC)
SUPPLY VOLTAGE = 5V
IBIAS = 100µA
VLR = VHR = VREG = 2.5V
40
35
30
45
25
SUPPLY VOLTAGE = 5V
IBIAS = 100µA
VLR = VHR = VREG = 2.5V
-40
-20
0
20
40
60
80
TEMPERATURE (oC)
100
9000
8000
7000
6000
5000
4000
CA3098


同様の部品番号 - CA3098E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3098E RENESAS-CA3098E Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
More results

同様の説明 - CA3098E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3098 RENESAS-CA3098 Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
logo
Texas Instruments
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
logo
Renesas Technology Corp
HD74HC221 RENESAS-HD74HC221 Datasheet
103Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com