データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3094E データシート(PDF) 7 Page - Intersil Corporation

部品番号 CA3094E
部品情報  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094E データシート(HTML) 7 Page - Intersil Corporation

Back Button CA3094E Datasheet HTML 3Page - Intersil Corporation CA3094E Datasheet HTML 4Page - Intersil Corporation CA3094E Datasheet HTML 5Page - Intersil Corporation CA3094E Datasheet HTML 6Page - Intersil Corporation CA3094E Datasheet HTML 7Page - Intersil Corporation CA3094E Datasheet HTML 8Page - Intersil Corporation CA3094E Datasheet HTML 9Page - Intersil Corporation CA3094E Datasheet HTML 10Page - Intersil Corporation CA3094E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
3-18
Typical Applications
NOTE: In single-ended output operation, the CA3094 may require a pull up or pull down resistor.
FIGURE 11A. INVERTING OP AMP
FIGURE 11B. NON-INVERTING MODE, AS A FOLLOWER
FIGURE 11. APPLICATION OF THE CA3094
FIGURE 12. RC TIMER
FIGURE 13. RC TIMER TRIGGERED BY EXTERNAL NEGATIVE PULSE
CA3094
-
+
EIN
EOUT
(NOTE)
Z1
Z2
CA3094
-
+
EIN
EOUT
(NOTE)
Where EOUT =EIN
here
depends on the characteristics of Z1 and Z2
E
OUT
E
IN
-----------------
f
Z
2
Z
1
-------



=
CA3094
2
3
6
4
8
5
7
-
+
R2
220k
R1
100k
R
A
12V
EOUT
2k
PULL UP
RABC
220k
II
1N914
S1
V+ = 18V
+18
0
0
2/3V+
VOLTAGE A
VOLTAGE AT
TERMINAL 8
TIME DELAY (s) = RC (APPROX.)
Problem: To calculate the maximum value of R required to
switch a 100mA output current comparator
Given:
II = 500nA at IABC = 100µA (from Figure 3)
II =5µA can be determined by drawing a line on Figure 3 through
IABC = 100µA and IB = 500nA parallel to the typical TA =25
oC
curve.
Then: II = 33nA at IABC = 5µA
Ratio of II at TA =25
oCtoI
I at TA = -55
oC for any given value
of IABC
I
ABC
5
µA,
=
R
ABC
3.6M
18V
5
µA
-----------
=
R
MAX
18V
12V
33nA
----------------------------
180M
Ω at T
A
25
o
C
==
=
R
MAX
180M
Ω 23
×
120M
Ω at T
A
55
o
C
==
=
C
CA3094
3
2
4
5
7
8
-
+
R3
1M
R1
1M
6
R2
2.2M
RLOAD
2k
C1
0.5
µF
EOUT
E
100
270
100
k
100
k
100
k
k
k
INPUT
A
12VDC
0.01
µF
B
C
V+
220k
On a negative going transient at input (A), a negative
pulse at C will turn “on” the CA3094, and the output (E)
will go from a low to a high level.
At the end of the time constant determined by C1,R1,
R2,R3, the CA3094 will return to the “off” state and the
output will be pulled low by RLOAD. This condition will
be independent of the interval when input (A) returns
to a high level.
V+
0
0
0
0
0
V+
3/
4V+
A
B
C
D
E
D
1N914
CA3094, CA3094A, CA3094B


同様の部品番号 - CA3094E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3094E INTERSIL-CA3094E Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

同様の説明 - CA3094E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com