データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3096AM96 データシート(PDF) 3 Page - Intersil Corporation

部品番号 CA3096AM96
部品情報  NPN/PNP Transistor Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096AM96 データシート(HTML) 3 Page - Intersil Corporation

  CA3096AM96 Datasheet HTML 1Page - Intersil Corporation CA3096AM96 Datasheet HTML 2Page - Intersil Corporation CA3096AM96 Datasheet HTML 3Page - Intersil Corporation CA3096AM96 Datasheet HTML 4Page - Intersil Corporation CA3096AM96 Datasheet HTML 5Page - Intersil Corporation CA3096AM96 Datasheet HTML 6Page - Intersil Corporation CA3096AM96 Datasheet HTML 7Page - Intersil Corporation CA3096AM96 Datasheet HTML 8Page - Intersil Corporation CA3096AM96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICEO
VCE = -10V,
IB = 0
-
-0.12
-1000
-
-0.12
-100
-
-0.12
-1000
nA
V(BR)CEO
IC = -100µA,
IB = 0
-40
-75
-
-40
-75
-
-24
-30
-
V
V(BR)CBO
IC = -10µA,
IE = 0
-40
-80
-
-40
-80
-
-24
-60
-
V
V(BR)EBO
IE = -10µA,
IC = 0
-40
-100
-
-40
-100
-
-24
-80
-
V
V(BR)ElO
IEI = 10µA,
IB = IC = 0
40
100
-
40
100
-
24
80
-
V
VCE SAT
IC = -1mA,
IB = -100µA
-
-0.16
-0.4
-
-0.16
-0.4
-
-0.16
-0.4
V
VBE (Note 4)
IC = -100µA,
VCE = -5V
-0.5
-0.6
-0.7
-0.5
-0.6
-0.7
-0.5
-0.6
-0.7
V
hFE (Note 4)
IC = -100µA,
VCE = -5V
40
85
250
40
85
250
30
85
300
IC = -1mA,
VCE = -5V
20
47
200
20
47
200
15
47
200
|
∆VBE/∆T| (Note 4)
IC = -100µA,
VCE = -5V
-
2.2
-
-
2.2
-
-
2.2
-
mV/oC
ICBO
Collector-Cutoff Current
VZ
Emitter-to-Base Zener Voltage
ICEO
Collector-Cutoff Current
VCE SAT
Collector-to-Emitter Saturation Voltage
V(BR)CEO Collector-to-Emitter Breakdown Voltage
VBE
Base-to-Emitter Voltage
V(BR)CBO Collector-to-Base Breakdown Voltage
hFE
DC Forward-Current Transfer Ratio
V(BR)CIO Collector-to-Substrate Breakdown Voltage
|
∆VBE/∆T| Magnitude of Temperature Coefficient:
(for each transistor)
V(BR)EBO Emitter-to-Base Breakdown Voltage
NOTE:
4. Actual forcing current is via the emitter for this test.
Electrical Specifications
For Equipment Design At TA = 25
oC (CA3096A Only)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3096A
UNITS
MIN
TYP
MAX
FOR TRANSISTORS Q1 AND Q2 (AS A DIFFERENTIAL AMPLIFIER)
Absolute Input Offset Voltage
|VIO|VCE = 5V, IC = 1mA
-
0.3
5
mV
Absolute Input Offset Current
|IIO|
-
0.07
0.6
µA
Absolute Input Offset Voltage
Temperature Coefficient
-
1.1
-
µV/oC
FOR TRANSISTORS Q4 AND Q5 (AS A DIFFERENTIAL AMPLIFIER)
Absolute Input Offset Voltage
|VIO|VCE = -5V, IC = -100µA
RS = 0
-
0.15
5
mV
Absolute Input Offset Current
|IIO|
-
2
250
nA
Absolute Input Offset Voltage
Temperature Coefficient
-
0.54
-
µV/oC
Electrical Specifications
For Equipment Design, At TA = 25
oC (Continued)
PARAMETER
TEST
CONDITIONS
CA3096
CA3096A
CA3096C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
∆V
IO
∆T
------------------
∆V
IO
∆T
------------------
CA3096, CA3096A, CA3096C


同様の部品番号 - CA3096AM96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3096AM96 INTERSIL-CA3096AM96 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
More results

同様の説明 - CA3096AM96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com