データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3130 データシート(PDF) 11 Page - Intersil Corporation

部品番号 CA3130
部品情報  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130 データシート(HTML) 11 Page - Intersil Corporation

Back Button CA3130 Datasheet HTML 7Page - Intersil Corporation CA3130 Datasheet HTML 8Page - Intersil Corporation CA3130 Datasheet HTML 9Page - Intersil Corporation CA3130 Datasheet HTML 10Page - Intersil Corporation CA3130 Datasheet HTML 11Page - Intersil Corporation CA3130 Datasheet HTML 12Page - Intersil Corporation CA3130 Datasheet HTML 13Page - Intersil Corporation CA3130 Datasheet HTML 14Page - Intersil Corporation CA3130 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FIGURE 12A. PEAK POSITIVE DETECTOR CIRCUIT
FIGURE 12B. PEAK NEGATIVE DETECTOR CIRCUIT
FIGURE 12. PEAK-DETECTOR CIRCUITS
FIGURE 13. VOLTAGE REGULATOR CIRCUIT (0V TO 13V AT 40mA)
3
2
6
4
7
CA3130
+7.5V
0.01
µF
+DC
OUTPUT
5
µF
+
-
100
k
1N914
0.01
µF
-7.5V
2k
10k
+
-
6VP-P INPUT;
BW (-3dB) = 1.3MHz
0.3VP-P INPUT;
BW (-3dB) = 240kHz
3
2
6
4
7
CA3130
+7.5V
0.01
µF
-DC
OUTPUT
5
µF
+
-
100
k
1N914
0.01
µF
-7.5V
2k
10k
+
-
6VP-P INPUT;
BW (-3dB) = 360kHz
0.3VP-P INPUT;
BW (-3dB) = 320kHz
6
3
2
1
8
7
4
CA3086
CURRENT
LIMIT
ADJ
3
R2
1k
Q5 13
14
12
Q1
Q2
Q3
Q4
10
7
3
4
2
6
9
11
815
390
1k
20k
+
-
5
µF
25V
56pF
ERROR
AMPLIFIER
CA3130
30k
100k
IC1
0.01
VOLTAGE
ADJUST
50k
R1
14
13
Q5
12
62k
IC3
OUTPUT
0 TO 13V
AT
40mA
+
-
0.01
µF
+20V
INPUT
2.2k
+
-
25
µF
IC2
CA3086 10
11 1, 2
Q4
Q1
8, 7
5
Q3
Q2
6
4
REGULATION (NO LOAD TO FULL LOAD): <0.01%
INPUT REGULATION: 0.02%/V
HUM AND NOISE OUTPUT: <25
µV UP TO 100kHz
+
-
+
-
1k
9
µF
3
CA3130, CA3130A


同様の部品番号 - CA3130

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
List of Unclassifed Man...
CA3130 ETC2-CA3130 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3130A INTERSIL-CA3130A Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3130AE INTERSIL-CA3130AE Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

同様の説明 - CA3130

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com