データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3140T データシート(PDF) 11 Page - Intersil Corporation

部品番号 CA3140T
部品情報  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140T データシート(HTML) 11 Page - Intersil Corporation

Back Button CA3140T Datasheet HTML 7Page - Intersil Corporation CA3140T Datasheet HTML 8Page - Intersil Corporation CA3140T Datasheet HTML 9Page - Intersil Corporation CA3140T Datasheet HTML 10Page - Intersil Corporation CA3140T Datasheet HTML 11Page - Intersil Corporation CA3140T Datasheet HTML 12Page - Intersil Corporation CA3140T Datasheet HTML 13Page - Intersil Corporation CA3140T Datasheet HTML 14Page - Intersil Corporation CA3140T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FIGURE 11. METER DRIVER AND BUFFER AMPLIFIER
FIGURE 12. SINE WAVE SHAPER
FIGURE 13. SWEEPING GENERATOR
FREQUENCY
CALIBRATION
MINIMUM
200
µA
METER
FREQUENCY
CALIBRATION
MAXIMUM
METER
SENSITIVITY
ADJUSTMENT
METER
POSITION
ADJUSTMENT
CA3080A
6
3
2
4
7
+
CA3140
-
FREQUENCY
ADJUSTMENT
10k
620
4.7k
0.1
µF
12k
2k
500k
620k
51k
3M
510
510
2k
3.6k
-15V
M
11
14
13
3/
5 OF CA3086
5
4
TO CA3080A
OF FUNCTION
GENERATOR
(FIGURE 10)
7
8
6
9
1k
2.4k
2.5
k
+15V
SWEEP IN
10
12
6
3
2
4
7
+
CA3140
-
7
2
8
5
6
1
4
3
9
5.1k
0.1
µF
-15V
D1
D4
D2
D3
D6
D5
CA3019
DIODE ARRAY
EXTERNAL
OUTPUT
+15V
+15V
-15V
100
k
SUBSTRATE
OF CA3019
TO
WIDEBAND
OUTPUT
AMPLIFIER
7.5k
5.6k
-15V
R3 10k
10k
0.1
µF
1M
9.1k
R1
10k
R2
1k
430
4
7
+
CA3140
-
0.1
+15V
-15V
2
3
6
µF
0.1
µF
COARSE
RATE
SAWTOOTH
SYMMETRY
0.47
µF
0.047
µF
4700pF
470pF
7
3
2
6
4
+
CA3140
-
5
1
3
2
4
1
5
51k
6.8k
91k
10k
100
390
3.9
25k
+15V
-15V
10k
10k
100k
30k
43k
LOGVIO
50k
LOG
RATE
10k
GATE
PULSE
OUTPUT
-15V
EXTERNAL OUTPUT
TO FUNCTION GENERATOR “SWEEP IN”
SWEEP WIDTH
TO OUTPUT
AMPLIFIER
36k
51k
75k
50k
SAWTOOTH
“LOG”
TRIANGLE
+15V
+15V
4
7
+
CA3140
-
3
2
6
+15V
TRANSISTORS
FROM CA3086
ARRAY
ADJUST
TRIANGLE
SAWTOOTH
“LOG”
8.2k
100k
100k
FINE
RATE
SAWTOOTH
22M
1M
18M
750k
“LOG”
1N914
1N914
SAWTOOTH AND
RAMP LOW LEVEL
SET (-14.5V)
-15V
CA3140, CA3140A


同様の部品番号 - CA3140T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
List of Unclassifed Man...
CA3140 ETC2-CA3140 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3140A INTERSIL-CA3140A Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140A RENESAS-CA3140A Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

同様の説明 - CA3140T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com