データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D01021 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 D01021
部品情報  Cable Stripper Number 4 - 28
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

D01021 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  D01021 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1696723 & 1696724
Page <1>
19/03/09 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2009.
Features:
• Accurate, fast and safe stripping of all common round cables of Ø4 - 28mm.
Präzises, schnelles und sicheres Abmanteln aller gängigen Rundkabel von Ø4 - 28mm.
• Removable reducing adapter, made of highly abrasion-resistant plastic (POM) Patent-Number 100 01 002.
Herausnehmbarer Kunststoff-Reduziereinsatz aus hochverschleissfestem Kunststoff (POM).Patent-No. 100 01 002.
• No damage of the inner conductors due to infinitely variable adjustment of the cutting depth.
Beschädigung der inneren Leiter ist durch stufenlose Einstellung der Schnitttiefe ausgeschlossen.
Cable Stripper Number 4 - 28H
Kabelmesser No. 4 - 28H
Cable Stripper Number 4 - 28
Kabelmesser No. 4 - 28
Specifications
Description
Type
Diameter
Part Number
Hook Knife
Number 4 - 28
4 - 28
D01020
Number 4 - 28H
D01021
Dimensions : Millimetres


同様の部品番号 - D01021

メーカー部品番号データシート部品情報
logo
Littelfuse
D0100 LITTELFUSE-D0100 Datasheet
2Mb / 1P
   Fits into wide range of Arc-Flash applications
logo
Newhaven Display Intern...
D0103MT-20-0110N NEWHAVEN-D0103MT-20-0110N Datasheet
812Kb / 5P
   Vacuum Fluorescent Display Specification
D0104MT-24-0503 NEWHAVEN-D0104MT-24-0503 Datasheet
800Kb / 5P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-33-0604N NEWHAVEN-D0106LT-33-0604N Datasheet
196Kb / 6P
   Vacuum Fluorescent Display Specification
More results

同様の説明 - D01021

メーカー部品番号データシート部品情報
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
   Cable stripper
2007-11-07
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
   Communications Cable Stripper/Cutter
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
   Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
logo
Rosenberger Hochfrequen...
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
Molex Electronics Ltd.
0638171600 MOLEX-0638171600 Datasheet
42Kb / 1P
   Cable Stripper for Sensor / Actuator Cables, 4.40-7.00mm Cable Diameter
08/26/2022
logo
Tripp Lite. All Rights ...
T100-001 TRIPPLITE-T100-001 Datasheet
474Kb / 1P
   RJ11/RJ12/RJ45 Crimping Tool with Cable Stripper
logo
Molex Electronics Ltd.
0638171000 MOLEX-0638171000 Datasheet
47Kb / 1P
   Cable Stripper for Sensor / Actuator Cables, 3.20-4.40mm Cable Diameter
08/26/2022
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
   Manual Wire Stripper
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com