データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7675 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7675
部品情報  16-Bit, 100 kSPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7675 データシート(HTML) 10 Page - Analog Devices

Back Button AD7675_15 Datasheet HTML 6Page - Analog Devices AD7675_15 Datasheet HTML 7Page - Analog Devices AD7675_15 Datasheet HTML 8Page - Analog Devices AD7675_15 Datasheet HTML 9Page - Analog Devices AD7675_15 Datasheet HTML 10Page - Analog Devices AD7675_15 Datasheet HTML 11Page - Analog Devices AD7675_15 Datasheet HTML 12Page - Analog Devices AD7675_15 Datasheet HTML 13Page - Analog Devices AD7675_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
AD7675
–10–
IN+
REF
REFGND
IN–
32,768C 16,384C
MSB
4C
2C
C
C
LSB
SW+
SWITCHES
CONTROL
32,768C 16,384C
MSB
4C
2C
C
C
LSB
SW
BUSY
OUTPUT
CODE
CNVST
CONTROL
LOGIC
COMP
Figure 3. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7675 is a fast, low power, single-supply, precise 16-bit
analog-to-digital converter (ADC). The AD7675 is capable of
converting 100,000 samples per second (100 kSPS) and allows
power saving between conversions. When operating at 100 SPS,
for example, it consumes typically only 15
µW. This feature
makes the AD7675 ideal for battery-powered applications.
The AD7675 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple multiplexed channel
applications.
The AD7675 can be operated from a single 5 V supply and be
interfaced to either 5 V or 3 V digital logic. It is housed in a
48-lead LQFP package that combines space savings and allows
flexible configurations as either serial or parallel interface. The
AD7675 is pin-to-pin compatible with the AD7660.
CONVERTER OPERATION
The AD7675 is a successive approximation analog-to-digital
converter based on a charge redistribution DAC. Figure 3 shows
the simplified schematic of the ADC. The capacitive DAC con-
sists of two identical arrays of 16 binary-weighted capacitors that
are connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire both analog signals.
When the acquisition phase is complete and the
CNVST input
goes or is low, a conversion phase is initiated. When the con-
version phase begins, SW+ and SWare opened first. The two
capacitor arrays are then disconnected from the inputs and
connected to the REFGND input. Therefore, the differential
voltage between the output of IN+ and IN– captured at the
end of the acquisition phase is applied to the comparator inputs,
causing the comparator to become unbalanced.
By switching each element of the capacitor array between
REFGND or REF, the comparator input varies by binary
weighted voltage steps (VREF/2, VREF/4 . . .VREF/65536). The
control logic toggles these switches, starting with the MSB first,
in order to bring the comparator back into a balanced condition.
After the completion of this process, the control logic generates
the ADC output code and brings BUSY output low.
Transfer Functions
Using the OB/
2C digital input, the AD7675 offers two output
codings: straight binary and two’s complement. The ideal trans-
fer characteristic for the AD7675 is shown in Figure 4.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
Figure 4. ADC Ideal Transfer Function
TEMPERATURE – C
5
3
–5
–55
135
–35
–15
–5
15
35
55
75
95
1
–1
–3
115
4
2
0
–2
–4
–FS
OFFSET
+FS
TPC 13. Drift vs. Temperature


同様の部品番号 - AD7675_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7675 AD-AD7675_17 Datasheet
342Kb / 21P
   16-Bit, 100 kSPS Differential ADC
More results

同様の説明 - AD7675_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7660 AD-AD7660_15 Datasheet
340Kb / 20P
   16-Bit, 100 kSPS PulSAR
REV. D
AD7684 AD-AD7684_15 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JN AD-AD676JN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD7675 AD-AD7675 Datasheet
399Kb / 20P
   16-Bit, 100 kSPS, Differential ADC
REV. 0
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD776 AD-AD776 Datasheet
921Kb / 12P
   16-Bit 100 kSPS Oversampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com