データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3228 データシート(PDF) 4 Page - Harris Corporation

部品番号 CA3228
部品情報  Speed Control System with Memory
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3228 データシート(HTML) 4 Page - Harris Corporation

  CA3228 Datasheet HTML 1Page - Harris Corporation CA3228 Datasheet HTML 2Page - Harris Corporation CA3228 Datasheet HTML 3Page - Harris Corporation CA3228 Datasheet HTML 4Page - Harris Corporation CA3228 Datasheet HTML 5Page - Harris Corporation CA3228 Datasheet HTML 6Page - Harris Corporation CA3228 Datasheet HTML 7Page - Harris Corporation CA3228 Datasheet HTML 8Page - Harris Corporation CA3228 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10-34
CA3228
START
ON
> 40 ms?
NO
ERASE
MEMORY
YES
YES
YES
NO
STANDBY
IGNITION
OFF?
OFF
> 40 ms?
NO
BRAKE?
COAST?
NO
NO
NO
> 25MPH?
NO
YES
YES
YES
YES
> 25MPH?
ACCEL?
INPUT
> 40ms?
INPUT
> 40ms?
RELAX
SERVO
ACCEL AT
CONTROLLED
RATE
YES
YES
STILL
ACCEL?
RELAX
SERVO
YES
YES
YES
NO
NO
NO
RESUME?
ACCEL
> 4 ms?
COAST
> 40ms?
> 25MPH?
NO
> 25MPH
STORED?
INPUT
> 245ms?
SPEED
= STORE?
YES
YES
YES
NO
NO
YES
NO
DISABLE
RESUME MODE
ENABLE
SERVO
NO
STILL
COAST?
YES
NO
ENABLE
SERVO
> 2 MPH?
STORE
PRESENT
SPEED
CRUISE
COAST
>40ms?
NO
YES
YES
ACCEL
> 40ms?
> 25MPH?
YES
YES
NO
Redundant
BRAKE?
BRAKE
CLUTCH
DISABLE?
NO
NO
NO
NO
NO
YES
NO
NO
YES
YES
YES
IGNITION
OFF?
1
SPEED
< STORE?
YES
RELAX
SERVO
ACCEL AT
CONTROLLED
RATE
ACCEL
> 40ms?
YES
DISABLE
RESUME MODE
NO
COAST
> 40ms?
YES
YES
BRAKE?
CLUTCH
DISABLE?
YES
NO
NO
NO
DISABLE
RESUME MODE
OFF
> 40ms?
2
2
DISABLE
RESUME MODE
1


同様の部品番号 - CA3228

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Renesas Technology Corp
CA3224E RENESAS-CA3224E Datasheet
366Kb / 6P
   Automatic Picture Tube Bias Control Circuit
October 2002
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
CA3227 INTERSIL-CA3227 Datasheet
64Kb / 7P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
May 2000
CA3227 INTERSIL-CA3227 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
More results

同様の説明 - CA3228

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
   AUDIO CONTROL SYSTEM WITH BUILTIN
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Festo Corporation.
8118457 FESTO-8118457 Datasheet
94Kb / 1P
   Control system
1/21/22
8118456 FESTO-8118456 Datasheet
98Kb / 1P
   Control system
1/21/22
8118454 FESTO-8118454 Datasheet
97Kb / 1P
   Control system
1/21/22
8118455 FESTO-8118455 Datasheet
93Kb / 1P
   Control system
1/21/22
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
   System Reset IC with Switch for Memory Backup
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031_10 Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com