データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7684 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7684
部品情報  16-Bit, 100 kSPS PulSAR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7684 データシート(HTML) 6 Page - Analog Devices

Back Button AD7684_15 Datasheet HTML 2Page - Analog Devices AD7684_15 Datasheet HTML 3Page - Analog Devices AD7684_15 Datasheet HTML 4Page - Analog Devices AD7684_15 Datasheet HTML 5Page - Analog Devices AD7684_15 Datasheet HTML 6Page - Analog Devices AD7684_15 Datasheet HTML 7Page - Analog Devices AD7684_15 Datasheet HTML 8Page - Analog Devices AD7684_15 Datasheet HTML 9Page - Analog Devices AD7684_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7684
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Inputs
+IN1, −IN1
GND − 0.3 V to VDD + 0.3 V
or ±130 mA
REF
GND − 0.3 V to VDD + 0.3 V
Supply Voltages
VDD to GND
−0.3 V to +6 V
Digital Inputs to GND
−0.3 V to VDD + 0.3 V
Digital Outputs to GND
−0.3 V to VDD + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
200°C/W
θJC Thermal Impedance
44°C/W
Lead Temperature
JEDEC J-STD-20
1 See the Analog Inputs section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


同様の部品番号 - AD7684_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
More results

同様の説明 - AD7684_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7660 AD-AD7660_15 Datasheet
340Kb / 20P
   16-Bit, 100 kSPS PulSAR
REV. D
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
   16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
   16-Bit, 250 kSPS PulSAR
REV. B
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7684 AD-AD7684 Datasheet
452Kb / 16P
   16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
REV. 0
AD7684BRMZ AD-AD7684BRMZ Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com