データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7701 データシート(PDF) 4 Page - Analog Devices

部品番号 AD7701
部品情報  16-Bit A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7701 データシート(HTML) 4 Page - Analog Devices

  AD7701_15 Datasheet HTML 1Page - Analog Devices AD7701_15 Datasheet HTML 2Page - Analog Devices AD7701_15 Datasheet HTML 3Page - Analog Devices AD7701_15 Datasheet HTML 4Page - Analog Devices AD7701_15 Datasheet HTML 5Page - Analog Devices AD7701_15 Datasheet HTML 6Page - Analog Devices AD7701_15 Datasheet HTML 7Page - Analog Devices AD7701_15 Datasheet HTML 8Page - Analog Devices AD7701_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. E
–4–
AD7701
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
DVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Analog Input
Voltage to AGND . . . . . . . . AVSS – 0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial Plastic (A, B Versions) . . . . . –40
°C to +85°C
Industrial CERDIP (A, B Versions) . . . . . . –40
°C to +85°C
Extended CERDIP (S, T Versions) . . . . . –55
°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
Power Dissipation (Any Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
PDIP, CERDIP, SOIC
MODE
SC1
DGND
CLKOUT
CLKIN
AGND
DVSS
AVSS
AIN
VREF
SDATA
SCLK
SC2
CAL
AVDD
DVDD
DRDY
CS
BP/
UP
SLEEP
TOP VIEW
(Not to Scale)
AD7701
1
2
3
4
5
6
7
8
9
10
14
13
12
11
20
19
18
17
16
15
SSOP
MODE
SC1
DGND
CLKOUT
CLKIN
AGND
DVSS
AVSS
AIN
VREF
SDATA
SCLK
SC2
CAL
AVDD
DVDD
DRDY
CS
BP/
UP
SLEEP
TOP VIEW
(Not to Scale)
AD7701
1
2
3
4
5
6
7
8
9
10
14
13
12
11
20
19
18
17
16
15
21
22
23
24
25
26
27
28
NC
NC
NC
NC
NC
NC
NC
NC
NC = NO CONNECT
PIN CONFIGURATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7701 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Linearity
Package
Model
Range
Error (% FSR)
Options
*
AD7701AN
–40
°C to +85°C
0.003
N-20
AD7701BN
–40
°C to +85°C
0.0015
N-20
AD7701AR
–40
°C to +85°C
0.003
R-20
AD7701BR
–40
°C to +85°C
0.0015
R-20
AD7701ARS
–40
°C to +85°C
0.003
RS-28
AD7701AQ
–40
°C to +85°C
0.003
Q-20
AD7701BQ
–40
°C to +85°C
0.0015
Q-20
AD7701SQ
–55
°C to +125°C
0.003
Q-20
AD7701TQ
–55
°C to +125°C
0.0015
Q-20
*N = PDIP; Q = CERDIP; R = SOIC; RS = SSOP.


同様の部品番号 - AD7701_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
More results

同様の説明 - AD7701_15

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
List of Unclassifed Man...
MB87020 ETC-MB87020 Datasheet
996Kb / 31P
   16-Bit A/D And D/A CONVERTER
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
Analog Devices
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
   16-Bit, 20 KHz A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com