データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7705 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7705
部品情報  3 V/5 V, 1 mW, 2-/3-Channel
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7705 データシート(HTML) 6 Page - Analog Devices

Back Button AD7705_15 Datasheet HTML 2Page - Analog Devices AD7705_15 Datasheet HTML 3Page - Analog Devices AD7705_15 Datasheet HTML 4Page - Analog Devices AD7705_15 Datasheet HTML 5Page - Analog Devices AD7705_15 Datasheet HTML 6Page - Analog Devices AD7705_15 Datasheet HTML 7Page - Analog Devices AD7705_15 Datasheet HTML 8Page - Analog Devices AD7705_15 Datasheet HTML 9Page - Analog Devices AD7705_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD7705/AD7706
Rev. C | Page 6 of 44
Parameter
B Version1
Unit
Conditions/Comments
AIN Input Sampling Rate, fS
Gain × fCLKIN/64
For gains of 1 to 4
fCLKIN/8
For gains of 8 to 128
Reference Input Range
REF IN(+) − REF IN(−) Voltage
1/1.75
V min/V max
VDD = 2.7 V to 3.3 V
VREF = 1.225 ± 1% for specified performance
REF IN(+) − REF IN(−) Voltage
1/3.5
V min/V max
VDD = 4.75 V to 5.25 V
VREF = 2.5 ± 1% for specified performance
REF IN Input Sampling Rate, fS
fCLKIN/64
LOGIC INPUTS
Input Current
All Inputs, Except MCLK IN
±1
μA max
Typically ±20 nA
MCLK IN
±10
μA max
Typically ±2 μA
All Inputs, Except SCLK and MCLK IN
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
Input High Voltage, VINH
2.0
V min
VDD = 3 V and 5 V
SCLK Only (Schmitt-Triggered Input)
VDD = 5 V nominal
VT+
1.4/3
V min/V max
VT−
0.8/1.4
V min/V max
VT+ − VT−
0.4/0.8
V min/V max
SCLK Only (Schmitt-Triggered Input)
VDD = 3 V nominal
VT+
1/2
V min/V max
VT−
0.4/1.1
V min/V max
VT+ − VT−
0.375/0.8
V min/V max
MCLK IN Only
VDD = 5 V nominal
Input Low Voltage, VINL
0.8
V max
Input High Voltage, VINH
3.5
V min
MCLK IN Only
VDD = 3 V nominal
Input Low Voltage, VINL
0.4
V max
Input High Voltage, VINH
2.5
V min
LOGIC OUTPUTS (Including MCLK OUT)
Output Low Voltage, VOL
0.4
V max
ISINK = 800 μA, except for MCLK OUT;13 VDD = 5 V
Output Low Voltage, VOL
0.4
V max
ISINK = 100 μA, except for MCLK OUT;13 VDD = 3 V
Output High Voltage, VOH
4
V min
ISOURCE = 200 μA, except for MCLK OUT;13 VDD = 5 V
Output High Voltage, VOH
VDD − 0.6
V min
ISOURCE = 100 μA, except for MCLK OUT;13 VDD = 3 V
Floating State Leakage Current
±10
μA max
Floating State Output Capacitance14
9
pF typ
Data Output Coding
Binary
Unipolar mode
Offset binary
Bipolar mode
SYSTEM CALIBRATION
Positive Full-Scale Limit15
(1.05 × VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Negative Full-Scale Limit15
−(1.05 × VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Offset Limit15
−(1.05 × VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Input Span16
(0.8 × VREF)/gain
V min
Gain is the selected PGA gain (1 to 128)
(2.1 × VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)


同様の部品番号 - AD7705_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7705BN AD-AD7705BN Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705BN AD-AD7705BN Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7705BNZ1 AD-AD7705BNZ1 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7705BR AD-AD7705BR Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705BR AD-AD7705BR Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
More results

同様の説明 - AD7705_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com