データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7719 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7719
部品情報  Low Voltage, Low Power
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7719 データシート(HTML) 9 Page - Analog Devices

Back Button AD7719_15 Datasheet HTML 5Page - Analog Devices AD7719_15 Datasheet HTML 6Page - Analog Devices AD7719_15 Datasheet HTML 7Page - Analog Devices AD7719_15 Datasheet HTML 8Page - Analog Devices AD7719_15 Datasheet HTML 9Page - Analog Devices AD7719_15 Datasheet HTML 10Page - Analog Devices AD7719_15 Datasheet HTML 11Page - Analog Devices AD7719_15 Datasheet HTML 12Page - Analog Devices AD7719_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
REV. A
AD7719
–9–
PIN CONFIGURATION
14
13
12
11
10
17
16
15
19
18
20
28
27
26
25
24
23
22
21
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7719
IOUT1
DGND
DVDD
XTAL2
XTAL1
IOUT2
AVDD
AGND
RDY
DOUT
DIN
REFIN1(–)
REFIN1(+)
AIN1
AIN2
AIN3
AIN4
RESET
SCLK
CS
AIN5
AIN6
REFIN2
P4
P1/SW1
P3
P2/SW2
PWRGND
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
IOUT1
Output for Internal 200 µA Excitation Current Source. Current source IEXC1 and/or IEXC2 can be
switched to this output.
2
IOUT2
Output for Internal 200 µA Excitation Current Source. Current source IEXC1 and/or IEXC2 can be
switched to this output.
3AVDD
Analog Supply Voltage.
4
AGND
Analog Ground.
5
REFIN1(–)
Negative Reference Input for Main ADC Channel. This reference input can lie anywhere between AGND
and AVDD – 1 V.
6
REFIN1(+)
Positive Reference Input for Main ADC Channel. REFIN1(+) can lie anywhere between AVDD and
AGND + 1 V. The nominal reference voltage (REFIN1(+) – REFIN1(–)) is 2.5 V, but the part is functional
with a reference range from 1 V to AVDD.
7
AIN1
Analog Input. AIN1 is dedicated to the main channel.
8
AIN2
Analog Input. AIN2 is dedicated to the main channel.
9
AIN3
Analog Input. AIN3 can be multiplexed to either the main or auxiliary channel.
10
AIN4
Analog Input. AIN4 can be multiplexed to either the main or auxiliary channel.
11
AIN5
Analog Input. AIN5 is dedicated to the auxiliary channel and is referenced to AIN6 or AGND.
12
AIN6
Analog Input. AIN6 is dedicated to the auxiliary channel. It forms a differential input pair with AIN5 in
fully differential input mode or is referenced to AGND in pseudodifferential mode.
13
REFIN2
Single-Ended Reference Input for Auxiliary Channel. The nominal input reference is 2.5 V. The auxiliary
channel will function with an input reference range from 1 V to AVDD.
14
P4
General-Purpose I/O Bit. The input and output voltage levels are referenced to AVDD and AGND.
15
P3
General-Purpose I/O Bit. The input and output voltage levels are referenced to AVDD and AGND.
The serial interface can be reset by exercising the
RESET input
on the part. It can also be reset by writing a series of 1s on the
DIN input. If a logic 1 is written to the AD7719 DIN line for at
least 32 serial clock cycles, the serial interface is reset. This ensures
that in 3-wire systems, if the interface gets lost, either via a software
error or by some glitch in the system, it can be reset back to a
known state. This state returns the interface to where the AD7719
is expecting a write operation to its Communications register. This
operation resets the contents of all registers to their power-on
reset values.
Some microprocessor or microcontroller serial interfaces have a
single serial data line. In this case, it is possible to connect the
AD7719’s DATA OUT and DATA IN lines together and connect
them to the single data line of the processor. A 10 k
Ω pull-up
resistor should be used on this single data line. In this case, if the
interface gets lost, because the read and write operations share
the same line, the procedure to reset it to a known state is
somewhat different than previously described. It requires a read
operation of 24 serial clocks followed by a write operation where
a logic 1 is written for at least 32 serial clock cycles to ensure
that the serial interface is back in a known state.


同様の部品番号 - AD7719_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
More results

同様の説明 - AD7719_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Cirrus Logic
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Maxim Integrated Produc...
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com