データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3256 データシート(PDF) 3 Page - Harris Corporation

部品番号 CA3256
部品情報  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256 データシート(HTML) 3 Page - Harris Corporation

  CA3256 Datasheet HTML 1Page - Harris Corporation CA3256 Datasheet HTML 2Page - Harris Corporation CA3256 Datasheet HTML 3Page - Harris Corporation CA3256 Datasheet HTML 4Page - Harris Corporation CA3256 Datasheet HTML 5Page - Harris Corporation CA3256 Datasheet HTML 6Page - Harris Corporation CA3256 Datasheet HTML 7Page - Harris Corporation CA3256 Datasheet HTML 8Page - Harris Corporation CA3256 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
8-3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range (V+ to V-) . . . . . . . . . . . . . . . . . . . . . 18V
Control Input Voltage Range, All Inputs . . . . . . . . . . . . . . . . V+ to V-
Signal Input Voltage Range, Channel 1-5 . . . . . . . . . . . . . . . .3VP-P
Amplifier Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
DC LED Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V+ = 12V; V- = GND
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
Power Supply Voltage V+ to V-
10 to 17
V
Power Supply Current
ICC
20
mA
SWITCH
AMPLIFIER
Open Loop Gain
AOL
-35
dB
Programmable Gain, FB Adjustment Range
-
-0.8 AOL
dB
Full Power Bandwidth
-
10
MHz
Unity Gain Bandwidth, 1k
Ω, 7pF Compensation
-
25
MHz
Insertion Loss
-0.8
-
dB
Signal Feedthrough, 5MHz
-66
-
dB
Input Impedance
ZIN
-10
k
Output Impedance
ZOUT
-5
Maximum Input Voltage
VI(MAX)
3
2.5
VP-P
Maximum Output Voltage, Clipped
VO(MAX)
-7
VP-P
Reference Bias Output Voltage (V8 - V-)
-
5
V
Differential Gain
-
1
%
Differential Phase
-
1
Degree
Off Isolation, Channel to Channel, ZIN = 75Ω
-66
-
dB
LLC Switch Turn On/Off Time Delay
-
0.5
µs
Maximum LED Sink Current
-
30
mA
Typical Output Source Current
-
16
mA
Channel Control Switch A, B, C and EN Threshold
(Notes 2, 3)
VTH
Approximately (V+ - V-)/2
V
CAUTION: Connect the V- power supply voltage before or during the V+ turn-on.
NOTES:
2. Threshold value is referenced to GND.
3. VTH is restricted by the equation, VTH < V+ -1.
CA3256


同様の部品番号 - CA3256

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

同様の説明 - CA3256

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com