データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7706BRZ-REEL71 データシート(PDF) 1 Page - Analog Devices

部品番号 AD7706BRZ-REEL71
部品情報  3 V/5 V, 1 mW, 2-/3-Channel
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7706BRZ-REEL71 データシート(HTML) 1 Page - Analog Devices

  AD7706BRZ-REEL71 Datasheet HTML 1Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 2Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 3Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 4Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 5Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 6Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 7Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 8Page - Analog Devices AD7706BRZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
3 V/5 V, 1 mW, 2-/3-Channel,
16-Bit, Sigma-Delta ADCs
AD7705/AD7706
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
AD7705: 2 fully differential input channel ADCs
AD7706: 3 pseudo differential input channel ADCs
16 bits no missing codes
0.003% nonlinearity
Programmable gain front end: gains from 1 to 128
3-wire serial interface
SPI®-, QSPI™-, MICROWIRE™-, and DSP-compatible
Schmitt-trigger input on SCLK
Ability to buffer the analog input
2.7 V to 3.3 V or 4.75 V to 5.25 V operation
Power dissipation 1 mW maximum @ 3 V
Standby current 8 μA maximum
16-lead PDIP, 16-lead SOIC, and 16-lead TSSOP packages
GENERAL DESCRIPTION
The AD7705/AD7706 are complete analog front ends for low
frequency measurement applications. These 2-/3-channel devices
can accept low level input signals directly from a transducer and
produce serial digital output. The devices employ a Σ-Δ
conversion technique to realize up to 16 bits of no missing codes
performance. The selected input signal is applied to a
proprietary, programmable-gain front end based around an
analog modulator. The modulator output is processed by an on-
chip digital filter. The first notch of this digital filter can be pro-
grammed via an on-chip control register, allowing adjustment of
the filter cutoff and output update rate.
The AD7705/AD7706 devices operate from a single 2.7 V to
3.3 V or 4.75 V to 5.25 V supply. The AD7705 features two fully
differential analog input channels; the AD7706 features three
pseudo differential input channels.
Both devices feature a differential reference input. Input signal
ranges of 0 mV to 20 mV through 0 V to 2.5 V can be
incorporated on both devices when operating with a VDD of 5 V
and a reference of 2.5 V. They can also handle bipolar input
signal ranges of ±20 mV through ±2.5 V, which are referenced to
the AIN(−) inputs on the AD7705 and to the COMMON input
on the AD7706.
FUNCTIONAL BLOCK DIAGRAM
VDD
REF IN(–)
REF IN(+)
AD7705/AD7706
MAX
PGA
BUFFER
CHARGE
BALANCING
A/D CONVERTER
Σ -Δ
MODULATOR
DIGITAL FILTER
A = 1
≈ 128
SERIAL INTERFACE
REGISTER BANK
CLOCK
GENERATION
MCLK IN
MCLK OUT
GND
DRDY
RESET
DIN
DOUT
CS
SCLK
ANALOG
INPUT
CHANNELS
Figure 1.
The AD7705/AD7706 devices, with a 3 V supply and a 1.225 V
reference, can handle unipolar input signal ranges of 0 mV to
10 mV through 0 V to 1.225 V. The devices can accept bipolar
input ranges of ±10 mV through ±1.225 V. Therefore, the
AD7705/AD7706 devices perform all signal conditioning and
conversion for a 2-channel or 3-channel system.
The AD7705/AD7706 are ideal for use in smart, microcontroller,
or DSP-based systems. The devices feature a serial interface that
can be configured for 3-wire operation. Gain settings, signal
polarity, and update rate selection can be configured in software
using the input serial port. The parts contains self-calibration and
system calibration options to eliminate gain and offset errors on
the part itself or in the system. CMOS construction ensures very
low power dissipation, and the power-down mode reduces the
standby power consumption to 20 μW typ.
These parts are available in a 16-lead, wide body (0.3 inch),
plastic dual in-line package (DIP); a 16-lead, wide body
(0.3 inch), standard small outline (SOIC) package; and a low
profile, 16-lead, thin shrink small outline package (TSSOP).


同様の部品番号 - AD7706BRZ-REEL71

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7706BRZ-REEL71 AD-AD7706BRZ-REEL71 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
More results

同様の説明 - AD7706BRZ-REEL71

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com