データシートサーチシステム |
|
SD-123-G-2 データシート(PDF) 1 Page - Samtec, Inc |
|
SD-123-G-2 データシート(HTML) 1 Page - Samtec, Inc |
|
1 / 1 page (2,54 mm) .100" SS, SD, ESD, ESS, HSS SERIES SS–132–G–2 ESD–115–G–05 WWW.SAMTEC.COM SS = Standard Single Row Socket HSS = High Temp Single Row Socket NO. PINS PER ROW 1 TYPE STRIP PLATING OPTION LEAD STYLE = Locking Socket – L OTHER OPTION – N = Non Flush OPTION 01 thru 32 = SS, ESS Series –1A, –1B or –1C For LIF specify –21A, –21B or –21C (SS, HSS, SD) Add –L suffix for locking lead socket in end positions. Requires Style -2 or -22 and .035" ± .003 DIA board hole. Mates with: TS, TD, HTS, BBS, BBD, BBL, BDL, BHS Note: Some lengths, styles and options are non-standard, non-returnable. SD = Standard Double Row Socket 01 thru 36 = HSS, SD & ESD Series Style – 5A not available. Styles –5A & –05 socket heads not countersunk. (2,54) .100 x No. of Positions (2,54) .100 TYP (5,08) .200 (2,54) .100 (2,54) .100 Styles – 5A & –05 socket heads not countersunk. (0,76) .030 REF (2,54) .100 x No. of Positions (2,54) .100 TYP (2,54) .100 (2,54) .100 (7,62) .300 (3,43) .135 Requires -T Plating Option LEAD STYLE –1A or –21A –1B or –21B –1C or –21C Y (9,14) .360 (12,95) .510 (6,60) .260 (1,83) .072 DIA Y (0,76) .030 (1,32) .052 DIA (0,64) .025 SQ (4,90) .193 (1,83) .072 DIA Z Y (0,76) .030 (1,32) .052 DIA X Locking lead available. See OPTION. X DIA (0,51) .020 (0,51) .020 (0,89) .035 Y (3,18) .125 (4,57) .180 (12,95) .510 Z (7,62) .300 (8,89) .350 (17,86) .703 LEAD STYLE –2 or –22 –38 –5A N/A Style –5A For complete specifications see www.samtec.com?SS, www.samtec.com?ESS, www.samtec.com?SD, www.samtec.com?ESD or www.samtec.com?HSS Insulator Material: SS, SD, ESS, ESD= Black G.F. Polyester HSS= Black Liquid Crystal Polymer Contact: BeCu Shell: Brass except Style 5A Phosphor Bronze Plating: Au over 50µ" (1,27 µm) Ni or Sn over 50µ" (1,27 µm) Ni Operating Temp Range: -55°C to +125°C Contact Resistance: 10 m Ω Lead Size Range: (0,38 mm to 0,56 mm) .015" to .022" DIA and most IC leads Insertion Force: (Single contact only) Standard= 9 oz (2,50 N) avg., 16 oz (4,45 N) max Low Insertion Force= 2.5 oz (0,70 N) avg., 5.5 oz (1,53 N) max Withdrawal Force: (Single contact only) Standard= 2.5 oz (0,70 N) avg., 1.5 oz (0,42 N) min Low Insertion Force= 2.0 oz (0,56 N) avg., 0.35 oz (0,10 N) min Insertion Depth: (-05, -1X & -21X, -5A) (3,18 mm) .125" to (3,99 mm) .157" Insertion Depth: (-2, -22, -38) (2,41 mm) .095" to (3,68 mm) .145" RoHS Compliant: Yes Lead-Free Solderable: Wave only –S = 10µ" (0,25 µm) Gold contact, Tin shell (Styles 2 & 22 only) –T = 30µ" (0,76 µm) Gold contact, Tin shell –G = 30µ" (0,76 µm) Gold contact, 10µ" (0,25 µm) Gold shell –TT = Tin contact and shell (Styles 1, 2, 4, and 05 except LIF N/A) A B C (0,64) .025 SQ (0,76) .030 LIF= Low Insertion Force –03, –04, –05 For LIF specify –23 (ESS, ESD) –2, –22*,–5A, or –38* *For LIF specify –22 or –38 (SS, HSS, SD) ESD = Elevated Double Row Socket ESS = Elevated Single Row Socket SPECIFICATIONS PRECISION MACHINED SOCKET STRIPS F-214 For complete scope of recognitions see www.samtec.com/quality RECOGNITIONS LEAD STYLE AB C 05 (17,86) .703 (13,46) .530 (4,39) .173 03 or 23 (11,51) .453 (8,38) .330 (3,12) .123 04 (14,05) .553 (10,92) .430 (3,12) .123 ALSO AVAILABLE (MOQ Required) • Locking lead option on ESS and ESD series Contact Samtec. |
同様の部品番号 - SD-123-G-2 |
|
同様の説明 - SD-123-G-2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |