データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3338 データシート(PDF) 6 Page - Intersil Corporation

部品番号 CA3338
部品情報  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3338 データシート(HTML) 6 Page - Intersil Corporation

  CA3338 Datasheet HTML 1Page - Intersil Corporation CA3338 Datasheet HTML 2Page - Intersil Corporation CA3338 Datasheet HTML 3Page - Intersil Corporation CA3338 Datasheet HTML 4Page - Intersil Corporation CA3338 Datasheet HTML 5Page - Intersil Corporation CA3338 Datasheet HTML 6Page - Intersil Corporation CA3338 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10-16
Dynamic Characteristics
Keeping the full-scale range (VREF+ - VREF-) as high as
possible gives the best linearity and lowest “glitch” energy
(referred to 1V). This provides the best “P” and “N” channel
gate drives (hence saturation resistance) and propagation
delays. The VREF+ (and VREF- if bipolar) terminal should be
well bypassed as near the chip as possible.
“Glitch” energy is defined as a spurious voltage that occurs as
the output is changed from one voltage to another. In a binary
input converter, it is usually highest at the most significant bit
transition (7FHEX to 80HEX for an 8 bit device), and can be
measured by displaying the output as the input code alter-
nates around that point. The “glitch” energy is the area
between the actual output display and an ideal one LSB step
voltage (subtracting negative area from positive), at either the
positive or negative-going step. It is usually expressed in pV/s.
The CA3338 uses a modified R2R ladder, where the 3 most
significant bits drive a bar graph decoder and 7 equally
weighted resistors. This makes the “glitch” energy at each 1/8
scale transition (1FHEX to 20HEX, 3FHEX to 40HEX, etc.)
essentially equal, and far less than the MSB transition would
otherwise display.
For the purpose of comparison to other converters, the output
should be resistively divided to 1V full scale. Figure 5 shows a
typical hook-up for checking “glitch” energy or settling time.
The settling time of the A/D is mainly a function of the output
resistance (approximately 160
Ω in parallel with the load resis-
tance) and the load plus internal chip capacitance. Both
“glitch” energy and settling time measurements require very
good circuit and probe grounding: a probe tip connector such
as Tektronix part number 131-0258-00 is recommended.
0
00
C
B
FROM “0” SCALE
INTEGRAL LINEARITY
ERROR (SHOWN -)
STRAIGHT LINE
TO FULL SCALE
VOLTAGE
INPUT CODE
= IDEAL TRANSFER CURVE
= ACTUAL TRANSFER CURVE
A = IDEAL STEP SIZE (1/255 OF FULL
B - A = +DIFFERENTIAL LINEARITY ERROR
C - A = -DIFFERENTIAL LINEARITY ERROR
A
SCALE -“0” SCALE VOLTAGE)
FIGURE 4. D/A INTEGRAL AND DIFFERENTIAL LINEARITY
ERROR
CLOCK
8 DATA BITS
+5V
15
16
14
8
1-7, 9
LE
D0 - D7
VDD
COMP
VSS
CA3338
VOUT
VREF+
VEE
12
13
11
10
+5V
+2.5V
-2.5V
R1
R2
PROBE TIP
REMOTE
VOUT
R3
VREF-
OR BNC
CONNECTOR
DIGITAL
GROUND
ANALOG
GROUND
+
+
+
FIGURE 5. CA3338 DYNAMIC TEST CIRCUIT
FUNCTION
CONNECTOR
R1
R2
R3
VOUT (P-P)
Oscilloscope Display
Probe Tip
82
62
N/C
1V
Match 93
Ω Cable
BNC
75
160
93
1V
Match 75
Ω Cable
BNC
18
130
75
1V
Match 50
Ω Cable
BNC
Short
75
50
0 79V
NOTES:
2. VOUT(P-P) is approximate, and will vary as ROUT of D/A varies.
3. All drawn capacitors are 0.1
µF multilayer ceramic/4.7µF tantalum.
4. Dashed connections are for unipolar operation. Solid connection are for bipolar operation.
CA3338, CA3338A


同様の部品番号 - CA3338

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338 RENESAS-CA3338 Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Intersil Corporation
CA3338A INTERSIL-CA3338A Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
CA3338AE INTERSIL-CA3338AE Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338AE RENESAS-CA3338AE Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

同様の説明 - CA3338

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338 RENESAS-CA3338 Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Intersil Corporation
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com