データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA10ZE104GAA データシート(PDF) 5 Page - AVX Corporation

部品番号 SA10ZE104GAA
部品情報  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

SA10ZE104GAA データシート(HTML) 5 Page - AVX Corporation

  SA10ZE104GAA Datasheet HTML 1Page - AVX Corporation SA10ZE104GAA Datasheet HTML 2Page - AVX Corporation SA10ZE104GAA Datasheet HTML 3Page - AVX Corporation SA10ZE104GAA Datasheet HTML 4Page - AVX Corporation SA10ZE104GAA Datasheet HTML 5Page - AVX Corporation SA10ZE104GAA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
41
Axial Leads/SpinGuard®
X5R Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
AVX Style
SA10
Length
4.32
(L)
(.170")
Diameter
2.54
(D)
(.100")
Lead
.445
Diameter
(.0175")
Lead
25.4
Length
(1.00")
Cap. in
Typical AVX
WVDC
µF
Part Nos.
10
1.8
SA10ZD185KAR
2.7
SA10ZD275KAR
3.3
SA10ZD335KAR
4.7
SA10ZD475KAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS
SPECIAL LEAD CONFIGURATIONS
Dimensions — Body dimensions Per Standard SpinGuard Configurations.
Formed dimensions as shown for types D, E, F, G, H, I, & J configurations.
Radial
Axial
D
E
F
G = .300" L.S.
I = .500" L.S.
Single Crimp
Dual Crimp
No Crimp
H = .400" L.S.
J = .600" L.S.
Formed Dimensions:
LEAD SPACING*
SEATED HEIGHT (Max.)
Nom.
D & E
F
G, H, I & J
SA10
.2"
.525"
.300"
.100"
SA20
.2"
.570"
.375"
.100"
SA30
.2"
.580"
.425"
.150"
SA40
.2"
.650"
.460"
.150"
*Lead spacing can be varied by user to cover .1"-.3" spacing requirements for F, D, and E styles.


同様の部品番号 - SA10ZE104GAA

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SA10 PANJIT-SA10 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA10 CHENDA-SA10 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA10 FCI-SA10 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA10 TSC-SA10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA10 WTE-SA10 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

同様の説明 - SA10ZE104GAA

メーカー部品番号データシート部品情報
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com