データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA0555E データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA0555E
部品情報  Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0555E データシート(HTML) 4 Page - Intersil Corporation

  CA0555E Datasheet HTML 1Page - Intersil Corporation CA0555E Datasheet HTML 2Page - Intersil Corporation CA0555E Datasheet HTML 3Page - Intersil Corporation CA0555E Datasheet HTML 4Page - Intersil Corporation CA0555E Datasheet HTML 5Page - Intersil Corporation CA0555E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 2 shows the typical waveforms generated during this
mode of operation, and Figure 3 gives the family of time
delay curves with variations in R1 and CT.
Repeat Cycle Timer (Astable Operation)
Figure 4 shows the CA555 connected as a repeat cycle
timer. In this mode of operation, the total period is a function
of both R1 and R2.
T = 0.693 (R1 + 2R2) CT = t1 + t2
where t1 = 0.693 (R1 + R2) CT
and t2 = 0.693 (R2) CT
the duty cycle is:
Typical waveforms generated during this mode of operation
are shown in Figure 5. Figure 6 gives the family of curves of
free running frequency with variations in the value of
(R1 +2R2) and CT.
tD
3V
3.3V
5V
0
0
0
SWITCH S1 “OPEN”
SWITCH S1 “CLOSED”
INPUT
VOLTAGE (TERMINAL 2)
CAPACITOR
VOLTAGE (TERMINALS 6, 7)
OUTPUT
VOLTAGE
(TERMINAL 3)
FIGURE 2. TYPICAL WAVEFORMS FOR RESET TIMER
TIME DELAY(s)
10
1
10-1
0.1
0.01
0.001
TA = 25
oC
R1 = 1kΩ
10k
1
10
100
V+ = 5V
100k
1M
10M
10-2
10-3
10-4
10-5
FIGURE 3. TIME DELAY vs RESISTANCE AND CAPACITANCE
1
CA555
EO
8
5
2
6
7
3
4
R1
CT
0.01
µF
RELAY
COIL
R2
V+
5V
FIGURE 4. REPEAT CYCLE TIMER (ASTABLE OPERATION)
t
1
t
1
t
2
+
----------------
=
R
1
R
2
+
R
1
2R
2
+
------------------------
CA555, CA555C, LM555C


同様の部品番号 - CA0555E

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA0555E HARRIS-CA0555E Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
CA0555E HARRIS-CA0555E Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results

同様の説明 - CA0555E

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com