データシートサーチシステム |
|
AD7732 データシート(PDF) 8 Page - Analog Devices |
|
AD7732 データシート(HTML) 8 Page - Analog Devices |
8 / 32 page AD7732 Rev. A | Page 8 of 32 ABSOLUTE MAXIMUM RATINGS Table 3. TA = 25°C, unless otherwise noted. Parameter Rating AVDD to AGND, DVDD to DGND –0.3 V to +7 V AGND to DGND –0.3 V to +0.3 V AVDD to DVDD –5 V to +5 V AIN to AGND –50 V to +50 V RA, RB, RC, RD to AGND –11 V to +25 V BIAS to AGND –0.3 V to AVDD + 0.3 V REFIN+, REFIN– to AGND –0.3 V to AVDD + 0.3 V P0, P1 Voltage to AGND –0.3 V to AVDD + 0.3 V P0, P1 Current (TMAX = 70°C) 8 mA P0, P1 Current (TMAX = 85°C) 5 mA P0, P1 Current (TMAX = 105°C) 2.5 mA Digital Input Voltage to DGND –0.3 V to DVDD + 0.3 V Digital Output Voltage to DGND –0.3 V to DVDD + 0.3 V Operating Temperature Range –40°C to +105°C Storage Temperature Range –65°C to +150°C Junction Temperature 150°C TSSOP Package, Power Dissipation 660 mW θ JA Thermal Impedance 97.9°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. |
同様の部品番号 - AD7732_15 |
|
同様の説明 - AD7732_15 |