データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7763 データシート(PDF) 8 Page - Analog Devices

部品番号 AD7763
部品情報  24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7763 データシート(HTML) 8 Page - Analog Devices

Back Button AD7763_15 Datasheet HTML 4Page - Analog Devices AD7763_15 Datasheet HTML 5Page - Analog Devices AD7763_15 Datasheet HTML 6Page - Analog Devices AD7763_15 Datasheet HTML 7Page - Analog Devices AD7763_15 Datasheet HTML 8Page - Analog Devices AD7763_15 Datasheet HTML 9Page - Analog Devices AD7763_15 Datasheet HTML 10Page - Analog Devices AD7763_15 Datasheet HTML 11Page - Analog Devices AD7763_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD7763
Rev. B | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
AVDD1 to GND
−0.3 V to +3 V
(AVDD2, AVDD3, AVDD4) to GND
−0.3 V to +6 V
DVDD to GND
−0.3 V to +3 V
VDRIVE to GND
−0.3 V to +3 V
VIN+, VIN– to GND
−0.3 V to +6 V
Digital Input Voltage to GND1
−0.3 V to DVDD + 0.3 V
MCLK to MCLKGND
−0.3 V to +6 V
VREF to GND2
−0.3 V to AVDD4 + 0.3 V
AGND to DGND
−0.3 V to +0.3 V
Input Current to Any Pin
Except Supplies3
±10 mA
Operating Temperature Range
Commercial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TQFP_EP Exposed Paddle
θJA Thermal Impedance
92.7°C/W
θJC Thermal Impedance
5.1°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
600 V
1
Absolute maximum voltage on digital inputs is 3.0 V or DVDD + 0.3 V,
whichever is lower.
2
Absolute maximum voltage on VREF input is 6.0 V or AVDD4 + 0.3 V,
whichever is lower.
3
Transient currents of up to 200 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


同様の部品番号 - AD7763_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
More results

同様の説明 - AD7763_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com