データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7801 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7801
部品情報  2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7801 データシート(HTML) 9 Page - Analog Devices

Back Button AD7801_15 Datasheet HTML 5Page - Analog Devices AD7801_15 Datasheet HTML 6Page - Analog Devices AD7801_15 Datasheet HTML 7Page - Analog Devices AD7801_15 Datasheet HTML 8Page - Analog Devices AD7801_15 Datasheet HTML 9Page - Analog Devices AD7801_15 Datasheet HTML 10Page - Analog Devices AD7801_15 Datasheet HTML 11Page - Analog Devices AD7801_15 Datasheet HTML 12Page - Analog Devices AD7801_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7801
–9–
REV. 0
VOUT = 2 ×V REF
N
256


where:
N
is the decimal equivalent of the binary input
code. N ranges from 0 to 255.
VREF is the voltage applied to the external REFIN pin
when the external reference is selected and is VDD/2
if the internal reference is used.
Table I. Output Voltage for Selected Input Codes
Digital
Analog Output
MSB . . . LSB
1111 1111
2
×
255
256
×V
REF V
1111 1110
2
×
254
256
×V
REF V
1000 0001
2
×
129
256
×V
REF V
1000 0000
V
REF V
0111 1111
2
×
127
256
×V
REF V
0000 0001
2
×
V REF
256
V
0000 0000
0 V
2VREF
VREF
0
DAC INPUT CODE
00 01
7F 80 81
FE FF
Figure 26. DAC Transfer Function
POWER-ON RESET
The AD7801 has a power-on reset circuit designed to allow
output stability during power up. This circuit holds the DAC in
a reset state until a write takes place to the DAC. In the reset
state all zeros are latched into the input register of the DAC and
the DAC register is in transparent mode thus the output of the
DAC is held at ground potential until a write takes place to the
DAC. The power-on reset circuitry generates a PON STRB
signal which is a gating signal used within the logic to identify
a power-on condition.
POWER-DOWN FEATURES
The AD7801 has a power-down feature implemented by
exercising the external
PD pin. An active low signal puts the
complete DAC into power-down mode. When in power-down,
the current consumption of the device is reduced to less than
1
µA max at +25°C or 2 µA max over temperature, making the
device suitable for use in portable battery powered equipment.
The internal reference resistors, the reference bias servo loop,
the output amplifier and associated linear circuitry are all shut
down when the power-down is activated. The output terminal
sees a load of
≈ 23 kΩ to GND when in power-down mode as
shown in Figure 25. The contents of the data register are
unaffected when in power-down mode. The device typically
comes out of power-down in 13
µs (see Figure 10).
VDD
11.7k
11.7k
IDAC
VREF
Figure 25. Output Stage During Power-Down
Analog Outputs
The AD7801 contains a voltage output DAC with 8-bit resolution
and rail-to-rail operation. The output buffer provides a gain of
two at the output. Figures 2, 3 and 4 show the source and sink
capabilities of the output amplifier. The slew rate of the output
amplifier is typically 7.5 V/
µs and has a full-scale settling to
eight bits with a 100 pF capacitive load in typically 1.2
µs.
The input coding to the DAC is straight binary. Table I shows
the binary transfer function for the AD7801. Figure 26 shows
the DAC transfer function for binary coding. Any DAC output
voltage can be expressed as:


同様の部品番号 - AD7801_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7801BR AD-AD7801BR Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BR AD-AD7801BR Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BR AD-AD7801BR Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRU AD-AD7801BRU Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRU AD-AD7801BRU Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results

同様の説明 - AD7801_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16