データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF66191PBF データシート(PDF) 4 Page - International Rectifier

部品番号 IRF66191PBF
部品情報  Low Profile (0.7 mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF66191PBF データシート(HTML) 4 Page - International Rectifier

  IRF66191PBF Datasheet HTML 1Page - International Rectifier IRF66191PBF Datasheet HTML 2Page - International Rectifier IRF66191PBF Datasheet HTML 3Page - International Rectifier IRF66191PBF Datasheet HTML 4Page - International Rectifier IRF66191PBF Datasheet HTML 5Page - International Rectifier IRF66191PBF Datasheet HTML 6Page - International Rectifier IRF66191PBF Datasheet HTML 7Page - International Rectifier IRF66191PBF Datasheet HTML 8Page - International Rectifier IRF66191PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6619
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance Vs.
Drain Current and Gate Voltage
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
2.5V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 10V
≤ 60µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
TJ = -40°C
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
ID = 30A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
40
80
120
160
200
ID, Drain Current (A)
1
2
3
4
5
6
7
8
9
10
TA= 25°C
VGS = 3.0V
VGS = 3.5V
VGS = 4.0V
VGS = 4.5V
VGS = 5.0V
VGS = 10V


同様の部品番号 - IRF66191PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6619 IRF-IRF6619 Datasheet
292Kb / 9P
   DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
295Kb / 10P
   DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619TRPBF IRF-IRF6619TRPBF Datasheet
295Kb / 10P
   DirectFET Power MOSFET
More results

同様の説明 - IRF66191PBF

メーカー部品番号データシート部品情報
logo
SHINMEI ELECTRIC CO., L...
TSW-6 SHINMEI-TSW-6 Datasheet
191Kb / 4P
   Height 0.7/0.8mm, Low-profile Type Tactile Switches
logo
WAGO Kontakttechnik Gmb...
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; gray
24.11.2021
2000-2292 WAGO-2000-2292 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; orange
24.11.2021
logo
STANLEY ELECTRIC CO.,LT...
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
logo
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
   2.0 mm low profile
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
WAGO Kontakttechnik Gmb...
2000-1392 WAGO-2000-1392 Datasheet
111Kb / 3P
   End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-1492 WAGO-2000-1492 Datasheet
98Kb / 3P
   End and intermediate plate; 0.7 mm thick; orange
24.11.2021
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com