データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7840 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7840
部品情報  LC MOS Complete 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7840 データシート(HTML) 10 Page - Analog Devices

Back Button AD7840_15 Datasheet HTML 6Page - Analog Devices AD7840_15 Datasheet HTML 7Page - Analog Devices AD7840_15 Datasheet HTML 8Page - Analog Devices AD7840_15 Datasheet HTML 9Page - Analog Devices AD7840_15 Datasheet HTML 10Page - Analog Devices AD7840_15 Datasheet HTML 11Page - Analog Devices AD7840_15 Datasheet HTML 12Page - Analog Devices AD7840_15 Datasheet HTML 13Page - Analog Devices AD7840_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7840
REV. B
–10–
MICROPROCESSOR INTERFACING
The AD7840 logic architecture allows two interfacing options
for interfacing the part to microprocessor systems. It offers a
14-bit wide parallel format and a serial format. Fast pulse
widths and data setup times allow the AD7840 to interface
directly to most microprocessors including the DSP processors.
Suitable interfaces to various microprocessors are shown in
Figures 15 to 23.
Parallel Interfacing
Figures 15 to 17 show interfaces to the DSP processors, the
ADSP-2100, the TMS32010 and TMS32020. An external
timer controls the updating of the AD7840. Data is loaded to
the AD7840 input latch using the following instructions:
ADSP-2100: DM(DAC) = MR0
TMS32010: OUT DAC,D
TMS32020: OUT DAC,D
MR0 = ADSP-2100 MR0 Register
D = Data Memory Address
DAC = AD7840 Address
Figure 15. AD7840–ADSP-2100 Parallel Interface
Figure 16. AD7840–TMS32010 Parallel Interface
Figure 17. AD7840–TMS32020 Parallel Interface
Some applications may require that the updating of the AD7840
DAC latch be controlled by the microprocessor rather than the
external timer. One option (for double-buffered interfacing) is
to decode the AD7840 LDAC from the address bus so that a
write operation to the DAC latch (at a separate address than the
input latch) updates the output. An example of this is shown in
the 8086 interface of Figure 18. Note that connecting the
LDAC
input to the CS input will not load the DAC latch cor-
rectly since both latches cannot he transparent at the same time.
AD7840–8086 Interface
Figure 18 shows an interface between the AD7840 and the 8086
microprocessor. For this interface, the LDAC input is derived
from a decoded address. If the least significant address line, A0,
is decoded then the input latch and the DAC latch can reside at
consecutive addresses. A move instruction loads the input latch
while a second move instruction updates the DAC latch and the
AD7840 output. The move instruction to load a data word
WXYZ to the input latch is as follows:
MOV DAC,#YZWX
DAC = AD7840 Address
Figure 18. AD7840–8086 Parallel Interface


同様の部品番号 - AD7840_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7840AQ AD-AD7840AQ Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840ARS AD-AD7840ARS Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840BQ AD-AD7840BQ Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840JN AD-AD7840JN Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840JP AD-AD7840JP Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
More results

同様の説明 - AD7840_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7836 AD-AD7836_15 Datasheet
176Kb / 12P
   LC MOS Quad 14-Bit DAC
REV. A
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7534 AD-AD7534_15 Datasheet
492Kb / 12P
   LC MOS P Compatibe 14 Bit DAC
REV. A
AD7535 AD-AD7535_15 Datasheet
489Kb / 12P
   LC MOS P Compatible 14 Bit DAC
REV. A
AD7536 AD-AD7536_15 Datasheet
636Kb / 12P
   LC MOS 14 BIT P COMPATIBLE DAC
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com